Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 279Page - Renesas Technology Corp 7733 Datasheet HTML 280Page - Renesas Technology Corp 7733 Datasheet HTML 281Page - Renesas Technology Corp 7733 Datasheet HTML 282Page - Renesas Technology Corp 7733 Datasheet HTML 283Page - Renesas Technology Corp 7733 Datasheet HTML 284Page - Renesas Technology Corp 7733 Datasheet HTML 285Page - Renesas Technology Corp 7733 Datasheet HTML 286Page - Renesas Technology Corp 7733 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–18
A-D conversion is started.
Trigger is generated.
Falling edges input
to pin ADTRG
When external trigger is selected
When internal trigger
is selected
Setting of the A-D conversion start flag to “1”
b7
b0
A-D control register 0 (address 1E 16)
A-D conversion start flag
1
Note: Writing to each bit (except bit 6) of the A-D control register 0 and
each bit of the A-D control register 1 must be performed while
A-D converter stops operating, in other words, before a trigger
is generated.
When the V REF connection selection bit is cleared from “1” to “0,”
wait for an interval of 1
s or more passed, and then generate
a trigger.
Setting of the interrupt priority level
b7
b0
A-D/UART2 trans./rece. interrupt control register (address 70 16)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
Setting of the A-D control registers 0, 1
b7
b0
A-D control register 0 (address 1E 16)
00
0
0 0 0: AN0 is selected.
0 0 1: AN1 is selected.
0 1 0: AN2 is selected.
0 1 1: AN3 is selected.
1 0 0: AN4 is selected.
1 0 1: AN5 is selected.
1 1 0: AN6 is selected.
1 1 1: AN7 is selected.
Trigger selection bit
0: Internal trigger
1: External trigger
A-D conversion start flag
0: A-D conversion is stopped.
Analog input selection bits
b7
b0
A-D control register 1 (address 1F 16)
0
!
! : It may be “0” or “1.”
f2: Refer to chapter “14. CLOCK GENERATING
CIRCUIT.”
A-D conversion frequency (
AD
) selection flag
0: f 2/4
1: f2/2
VREF connection selection bit
0: Pin VREF is connected.
Selection of the one-shot mode
0
Setting of the port P7 direction register
b7
b0
Port P7 direction register (address 11 16)
Set bits corresponding to selected
analog input pins to “0.”
When an external trigger is
selected, set bit 7 to “0.”
AN0
AN5
AN1
AN2
AN3
AN4
b2b1b0
8/10-bit mode selection bit
0: 8-bit resolution
1: 10-bit resolution
AN7
AN6
9.5 One-shot mode
Fig. 9.5.1 Initial setting example for registers related to one-shot mode
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com