Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 280Page - Renesas Technology Corp 7733 Datasheet HTML 281Page - Renesas Technology Corp 7733 Datasheet HTML 282Page - Renesas Technology Corp 7733 Datasheet HTML 283Page - Renesas Technology Corp 7733 Datasheet HTML 284Page - Renesas Technology Corp 7733 Datasheet HTML 285Page - Renesas Technology Corp 7733 Datasheet HTML 286Page - Renesas Technology Corp 7733 Datasheet HTML 287Page - Renesas Technology Corp 7733 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–19
A-D conversion interrupt request occurs.
Trigger is generated.
Input voltage of ANi pin is converted.
A-D converter is stopped.
Conversion result
A-D register i
9.5.2 Operation in one-shot mode
Figure 9.5.2 shows the conversion operation in the one-shot mode.
(1) When internal trigger is selected
Œ By setting the A-D conversion start flag to “1,” the A-D converter starts operating.
 The A-D conversion is completed when one of the following conditions is satisfied, and then the
contents of the successive approximation register (in other words, the conversion result) is transferred
to the A-D register i.
•49 cycles of
φAD have passed when resolution = 8 bits
•59 cycles of
φAD have passed when resolution = 10 bits
Ž When a UART2 trans./rece. interrupt is not used, the A-D conversion interrupt request bit is set to
“1” simultaneously with .
 The A-D conversion start flag is cleared to “0,” and then the A-D converter stops operating.
(2) When external trigger is selected
______
Œ If pin ADTRG’s level goes from “H” to “L” when the A-D conversion start flag = “1,” the A-D converter
starts operating.
 The A-D conversion is completed when one of the following conditions is satisfied, and then the
contents of the successive approximation register (in other words, the conversion result) is transferred
to the A-D register i.
•49 cycles of
φAD have passed when resolution = 8 bits
•59 cycles of
φAD have passed when resolution = 10 bits
Ž When a UART2 trans./rece. interrupt is not used, the A-D conversion interrupt request bit is set to
“1” simultaneously with .
 The A-D converter stops operating.
The A-D conversion start flag remains set to “1” after the A-D converter stops operating. Accordingly, when
______
pin ADTRG’s level goes from “H” to “L”, the A-D converter restarts conversion from Œ. Note that when pin
______
ADTRG
’s level goes from “H” to “L” during A-D conversion, the converter quits the conversion which is
performed at that time and restarts it from Œ.
9.5 One-shot mode
Fig. 9.5.2 Conversion operation in one-shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com