Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 268Page - Renesas Technology Corp 7733 Datasheet HTML 269Page - Renesas Technology Corp 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–7
b7
b0
A-D register 0 (addresses 21 16 and 2016)
A-D register 1 (addresses 23 16 and 2216)
A-D register 2 (addresses 25 16 and 2416)
A-D register 3 (addresses 27 16 and 2616)
A-D register 4 (addresses 29 16 and 2816)
A-D register 5 (addresses 2B 16 and 2A16)
A-D register 6 (addresses 2D 16 and 2C16)
A-D register 7 (addresses 2F 16 and 2E16)
Bit
“0” at reading.
The A-D conversion result is read out.
Functions
At reset
0
Undefined
RO
RO
RW
b7
b0
(b15)
(b8)
qWhen resolution = 10 bits
15 to 10
9 to 0
b7
b0
A-D register 0 (addresses 21 16 and 2016)
A-D register 1 (addresses 23 16 and 2216)
A-D register 2 (addresses 25 16 and 2416)
A-D register 3 (addresses 27 16 and 2616)
A-D register 4 (addresses 29 16 and 2816)
A-D register 5 (addresses 2B 16 and 2A16)
A-D register 6 (addresses 2D 16 and 2C16)
A-D register 7 (addresses 2F 16 and 2E16)
Bit
“0” at reading.
The A-D conversion result is read out.
Functions
At reset
0
Undefined
RO
RW
b7
b0
(b15)
(b8)
qWhen resolution = 8 bits
7 to 0
15 to 8
RO
9.2.3 A-D register i (i = 0 to 7)
Figure 9.2.4 shows the structure of A-D register i. When A-D conversion is completed, the conversion result
(in other words, the contents of the successive approximation register) is stored into this register. Each A-
D register i corresponds to an analog input pin (ANi), one for one. Table 9.2.2 lists the correspondence
of an analog input pin to A-D register i.
9.2 Block description
Fig. 9.2.4 Structure of A-D register i
Table 9.2.2 Correspondence of analog input pin and A-D register i
Analog input pin
Pin AN0
Pin AN1
Pin AN2
Pin AN3
Pin AN4
Pin AN5
Pin AN6
Pin AN7
A-D register i where conversion result is stored
A-D register 0
A-D register 1
A-D register 2
A-D register 3
A-D register 4
A-D register 5
A-D register 6
A-D register 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com