Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 265Page - Renesas Technology Corp 7733 Datasheet HTML 266Page - Renesas Technology Corp 7733 Datasheet HTML 267Page - Renesas Technology Corp 7733 Datasheet HTML 268Page - Renesas Technology Corp 7733 Datasheet HTML 269Page - Renesas Technology Corp 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–4
b7
b6
b5
b4
b3
b2
b1
b0
@
A-D control register 0 (address 1E 16)
Bit
A-D conversion frequency
(
AD
) selection flag
A-D conversion start flag
Trigger selection bit
4
@
A-D operation mode selection bits
2
@
1
@
0
Bit name
At reset
0
0
0
0
0
Undefined
Undefined
Undefined
RW
Functions
0 0 0: AN0 is stopped.
0 0 1: AN1 is stopped.
0 1 0: AN2 is stopped.
0 1 1: AN3 is stopped.
1 0 0: AN4 is stopped.
1 0 1: AN5 is stopped. (Note 2)
1 1 0: AN6 is stopped.
1 1 1: AN7 is stopped.
f2V: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
b2 b1 b0
0: Internal trigger
1: External trigger
0: f2/4V
1: f2/2
00: One-shot mode
01: Repeat mode
10: Single sweep mode
11: Repeat sweep mode
0: A-D conversion is stopped.
1: A-D conversion is started.
b4b3
These bits are ignored in the single sweep and repeat sweep modes. (They may be “0”
or “1.”)
When an external trigger is selected, pin AN 5 cannot be used as an analog input pin.
Writing to each bit (except bit 6) of the A-D control register 0 must be performed while the
A-D converter stops operating.
Analog input selection bits
(Valid in the one-shot and repeat
modes) (Note 1)
Notes 1:
2:
3:
3
7
6
5
RW
RW
RW
RW
RW
RW
RW
RW
9.2.1 A-D control register 0
Figure 9.2.2 shows the structure of A-D control register 0. A-D operation mode selection bits select an
operation mode of A-D converter. The other bits are described below.
9.2 Block description
Fig. 9.2.2 Structure of A-D control register 0
(1) Analog input selection bits (bits 2 to 0)
These bits are used to select an analog input pin in the one-shot and repeat modes. (Refer to section
“9.2.5 Port P7 direction register.”)
When switching the operating mode to the one-shot or repeat mode after A-D conversion is once
performed in the single sweep or repeat sweep mode, set these bits again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com