Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 266Page - Renesas Technology Corp 7733 Datasheet HTML 267Page - Renesas Technology Corp 7733 Datasheet HTML 268Page - Renesas Technology Corp 7733 Datasheet HTML 269Page - Renesas Technology Corp 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–5
0
f2 divided by 4
15.68
18.88
A-D conversion frequency (
φAD) selection flag
φAD
Conversion time
Resolution : 8 bits
•System clock = 25 MHz (Note)
Resolution : 10 bits
1
f2 divided by 2
7.84
9.44
(2) Trigger selection bit (bit 5)
This bit selects a trigger occurrence source. (Refer to “(3) A-D conversion start flag.”)
(3) A-D conversion start flag (bit 6)
When internal trigger is selected
When this bit is set to “1,” a trigger occurs, and then the A-D converter starts operating. When this
bit is cleared to “0,” the A-D converter stops operating.
In the one-shot or single sweep mode, this bit is cleared to “0” after A-D conversion is completed.
In the repeat or repeat sweep mode, the A-D converter continues operating until this bit is cleared
to “0” by software.
When external trigger is selected
______
If the ADTRG pin level goes from “H” to “L” when this bit = “1,” a trigger occurs, and then the A-D
converter starts operating. The A-D converter stops operating when this bit is cleared to “0.” In the
one-shot or single sweep mode, this bit remains set to “1” even after A-D conversion is completed.
In the repeat or repeat sweep mode, the A-D converter continues operating until this bit is cleared
to “0” by software.
(4) A-D conversion frequency (
φAD) selection flag (bit 7)
Conversion time varies according to the A-D converter’s operating clock (
φAD) selected by this bit as
listed in Table 9.2.1. Since the A-D converter’s comparator consists of capacity coupling amplifiers,
keep that
φAD ≥ 250 kHz during A-D conversion.
Note: This is applied when the following conditions are satisfied;
•f(XIN) = 25 MHz
•The main clock is selected as the system clock.
•Main clock divided by 2 is available.
Table 9.2.1 Conversion time per one analog input pin (Unit:
µs)
9.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com