Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–9
(1) Interrupt priority level selection bits (bits 2 to 0)
These bits select an A-D conversion interrupt’s priority level. When using A-D conversion interrupts,
select one priority level from levels 1 to 7. If an A-D conversion interrupt request occurs, its priority
level is compared with the processor interrupt priority level (IPL), and the requested interrupt is
enabled only when its priority level is higher than the IPL. (Note that this is applied to the case where
the interrupt disable flag (I) = “0.”) When disabling A-D conversion interrupts, set these bits to “0002”
(Level 0).
(2) Interrupt request bit (bit 3)
This bit is set to “1” when an A-D conversion interrupt request occurs. This bit is automatically cleared
to “0” when the A-D conversion interrupt request is accepted.
Note that this bit can be set to “1” or cleared to “0” by software.
9.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com