Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 259Page - Renesas Technology Corp 7733 Datasheet HTML 260Page - Renesas Technology Corp 7733 Datasheet HTML 261Page - Renesas Technology Corp 7733 Datasheet HTML 262Page - Renesas Technology Corp 7733 Datasheet HTML 263Page - Renesas Technology Corp 7733 Datasheet HTML 264Page - Renesas Technology Corp 7733 Datasheet HTML 265Page - Renesas Technology Corp 7733 Datasheet HTML 266Page - Renesas Technology Corp 7733 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–60
8.4 Clock asynchronous serial I/O (UART) mode
Fig. 8.4.12 Example of receive timing when data is transferred in 8 bits (When parity is disabled and
one stop bit)
D0
D1
D7
RxDi
(Note) RTSi
“1”
“0”
“0”
“1”
“H”
“L”
“0”
“1”
Receive enable bit
Start bit
Stop bit
The above timing diagram is applied when
the following conditions are satisfied:
q Parity is disabled.
q 1 stop bit
q RTS function is selected.
→ UARTi receive buffer register
UARTi receive
interrupt request bit
Cleared to “0” when an interrupt request is accepted; otherwise, cleared by software.
Receive completion
flag
Check whether
the level is “L.”
Received data is taken in.
The transfer clock is generated at the
falling edge of start bit, and reception
is started.
BRGi count source
Note: The RTSi output function is not assigned for
Transfer clock
UARTi receive register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com