Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 256Page - Renesas Technology Corp 7733 Datasheet HTML 257Page - Renesas Technology Corp 7733 Datasheet HTML 258Page - Renesas Technology Corp 7733 Datasheet HTML 259Page - Renesas Technology Corp 7733 Datasheet HTML 260Page - Renesas Technology Corp 7733 Datasheet HTML 261Page - Renesas Technology Corp 7733 Datasheet HTML 262Page - Renesas Technology Corp 7733 Datasheet HTML 263Page - Renesas Technology Corp 7733 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 940 page
background image
SERIAL
I/O
7733 Group User’s Manual
8–57
8.4 Clock asynchronous serial I/O (UART) mode
Then, reception starts when the start
bit is detected.
Port P8 direction register (address 14 16)
b7
b0
0
0
RxD0 pin
RxD1 pin
UART0 baud rate register (BRG0) (address 31 16)
UART1 baud rate register (BRG1) (address 39 16)
UART2 baud rate register (BRG2) (address 65 16)
b7
b0
A value from 0016 to FF16 is set.
UART0 receive interrupt control register (address 72 16)
UART1 receive interrupt control register (address 74 16)
A-D/UART2 trans./rece. interrupt control register (address 70 16)
b7
b0
Interrupt priority level selection bits
When using interrupts, one of level 1 to
7 must be set.
When disabling interrupts, level 0 must
be set.
Note 2: The CTS/RTS function selection
bit is valid when CTS/RTS enable
bit = “0.”
g Set the transfer data format in the
same way as set on the transmitter side.
Note 1: Nothing is allocated to bit 7 of UART2
transmit/receive mode register.
1
UART0 transmit/receive control register 1 (address 35 16)
UART1 transmit/receive control register 1 (address 3D 16)
UART2 transmit/receive control register 1 (address 69 16)
b7
b0
Receive enable bit
1: Reception is enabled.
UART0 transmit/receive mode register (address 30 16)
UART1 transmit/receive mode register (address 38 16)
UART2 transmit/receive mode register (address 64 16)
b7
b0
Internal/External clock selection
bit
0: Internal clock
1: External clock
1 0 0: UART mode (7 bits)
1 0 1: UART mode (8 bits)
1 1 0: UART mode (9 bits)
Stop bit length selection bit
0: 1 stop bit
1: 2 stop bits
Odd/Even parity selection bit
0: Odd parity
1: Even parity
Parity enable bit
0: Parity is disabled.
1: Parity is enabled.
Sleep selection bit (Note 1)
0: The sleep mode is terminated (ignored) .
1: The sleep mode is selected.
1
b2b1b0
UART0 transmit/receive control register 0 (address 34 16)
UART1 transmit/receive control register 0 (address 3C 16)
b7
b0
BRG count source selection bits
CTS
/ RTS enable bit
0: The CTS / RTS function is enabled.
1: The CTS / RTS function is disabled.
CTS
/RTS function selection bit (Note 2)
0: The CTS function is selected.
(The RTS function is disabled.)
1: The RTS function is selected.
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING
CIRCUIT.”
00
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1b0
b7
b0
BRG count source selection bits
CTS
enable bit
0: The CTS function is enabled.
1: The CTS function is disabled (I/O port).
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1b0
Port P7 direction register (address 11 16)
b7
b0
0
RxD2 pin (Note 3)
Note 3: In the 7733 Group or the 7735
Group, set this bit.
In the 7736 Group, it is not
neccessary to set this bit.
0
UART2 transmit/receive control register 0 (address 68 16)
Fig. 8.4.9 Initial setting example for related registers when receiving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com