Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 260Page - Renesas Technology Corp 7733 Datasheet HTML 261Page - Renesas Technology Corp 7733 Datasheet HTML 262Page - Renesas Technology Corp 7733 Datasheet HTML 263Page - Renesas Technology Corp 7733 Datasheet HTML 264Page - Renesas Technology Corp 7733 Datasheet HTML 265Page - Renesas Technology Corp 7733 Datasheet HTML 266Page - Renesas Technology Corp 7733 Datasheet HTML 267Page - Renesas Technology Corp 7733 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 940 page
background image
SERIAL
I/O
7733 Group User’s Manual
8–61
8.4 Clock asynchronous serial I/O (UART) mode
8.4.7 Processing when error is detected
Errors listed below can be detected in the UART mode:
q Overrun error
An overrun error occurs when the next data is prepared in the UARTi receive register with the receive
completion flag = “1” (in other words, data is present in the UARTi receive buffer register), and then
the next data is transferred to the UARTi receive buffer register. In other words, when the next data
is prepared before the contents of the UARTi receive buffer register is read out. When an overrun error
occurs, the next receive data is written into the UARTi receive buffer register. At this time, the UARTi
receive interrupt request bit is not set to “1.”
q Framing error
A framing error occurs when the number of detected stop bits does not match the number which is
set. (The UARTi interrupt request bit is set to “1.”)
q Parity error
A parity error occurs when the sum of “1”s in the parity bit and character bits does not match the
number which is set. (The UARTi interrupt request bit is set to “1.”)
Each error is detected when data is transferred from the UARTi receive register to the UARTi receive buffer
register, and the corresponding error flag is set to “1.” Furthermore, when any of the above errors occurs,
the error sum flag is set to “1.” Accordingly, the error sum flag informs whether any error has occurred or
not.
Error flags are cleared to “0” when the serial I/O mode selection bits are cleared to “0002” or when the
receive enable bit is cleared to “0.” (When all of the overrun, framing, and parity error flags are cleared
to “0,” the error sum flag is cleared to “0.”) Note also that the framing and parity error flags are cleared
to “0” when the low-order byte of the UARTi receive buffer register is read out.
When an error occurs during reception, initialize the error flags and the UARTi receive buffer register, and
then perform reception again. When it is necessary to perform transmission again owing to an error which
occurs in the receiver side, set the UARTi transmission buffer register again, and then starts transmission
again.
The method of initializing the UARTi receive buffer register and that of setting the UARTi transmission
buffer register again are described below.
(1) Method of initializing UARTi receive buffer register
Œ Clear the receive enable bit to “0.” (Reception is disabled.)
 Set the receive enable bit to “1” again. (Reception is enabled.)
(2) Method of setting UARTi transmission buffer register again
Œ Clear the serial I/O mode selection bits to “0002.” (Serial I/O is ignored.)
 Set the serial I/O mode selection bits again.
Ž Set the transmit enable bit to “1.” (Transmission is enabled.) And set the transmit data to the UARTi
transmission buffer register.
8.4.8 Precautions for UART
For performing the transmission and the reception simultaneously, UART2 does not distinguish the transmission
interrupt from the reception interrupt. The UART2 transmission/reception interrupt request occurs when
either interrupt request occurs. Accordingly, in the system which performs the transmission and reception
simultaneously for UART2, not use the UART2 transmission/reception interrupt but use the method of
poling the transmission buffer empty flag and the receive completion flag by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com