Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 243Page - Renesas Technology Corp 7733 Datasheet HTML 244Page - Renesas Technology Corp 7733 Datasheet HTML 245Page - Renesas Technology Corp 7733 Datasheet HTML 246Page - Renesas Technology Corp 7733 Datasheet HTML 247Page - Renesas Technology Corp 7733 Datasheet HTML 248Page - Renesas Technology Corp 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp 7733 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–44
8.4 Clock asynchronous serial I/O (UART) mode
8.4 Clock asynchronous serial I/O (UART) mode
Table 8.4.1 lists the performance overview in the UART mode and Table 8.4.2 lists the functions of I/O pins
in this mode.
Table 8.4.1 Performance overview in UART mode
Functions
1 bit
7 bits, 8 bits, or 9 bits
0 bit or 1 bit (Odd or Even can be selected.)
1 bit or 2 bits
BRGi’s output divided by 16 (Maximum of 781.25 kbps
(Note))
Maximum of 312.5 kbps
4 types (Overrun, Framing, Parity, and Summing)
Presence of error can be detected only by checking error sum flag.
Item
Start bit
Character bit (Transfer data)
Parity bit
Stop bit
When internal clock is selected
When external clock is selected
Transfer
data format
Transfer rate
Error detection
Note: This is applied when the system clock selection bit (bit 3 at address 6C16) = “0” and the system clock
frequency = 25 MHz (f(f2) = 12.5 MHz). (For details, refer to chapter “14. CLOCK GENERATING
CIRCUIT.”
Table 8.4.2 Functions of I/O pins in UART mode
Pin name
TxDi
(P83, P87, P75)
RxDi
(P82, P86, P74)
CLKi
(P81, P85, P73)
____ ____
CTSi
/RTSi (Note)
(P80, P84)
CTS2
(P72)
Functions
Serial data output
Serial data input
Programmable I/O port
BRGi count source input
____
CTS
input
____
RTS
output
Programmable I/O port
____
CTS
input
Programmable I/O port
Method of selection
(They cannot be used as programmable I/O ports.)
Ports P7 and P8 direction register’s corresponding bit = “0”
(They can be used as input ports when only transmission is performed.)
Internal/External clock selection bit = “0”
Internal/External clock selection bit = “1”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “0”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “1”
____ ____
CTS
/RTS enable bit = “1”
____
CTS
enable bit = “0”
____
CTS
enable bit = “1”
Port P7 direction register: Address 1116
Port P8 direction register: Address 1416
Internal/External clock selection bit: Bit 3 at addresses 3016, 3816, and 6416
____ ____
CTS
/RTS enable bit: Bit 4 at addresses 3416 and 3C16
____ ____
CTS
/RTS function selection bit: Bit 2 at addresses 3416 and 3C16
____
CTS
enable bit: Bit 2 at addresses 6816
g The TxDi pin outputs “H” level while not transmitting after a UARTi’s operating mode is selected.
(The TxDi pin is in a floating state when N-channel open-drain output is selected.)
____
Note: The RTSi output function is not assigned for UART2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com