Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 240Page - Renesas Technology Corp 7733 Datasheet HTML 241Page - Renesas Technology Corp 7733 Datasheet HTML 242Page - Renesas Technology Corp 7733 Datasheet HTML 243Page - Renesas Technology Corp 7733 Datasheet HTML 244Page - Renesas Technology Corp 7733 Datasheet HTML 245Page - Renesas Technology Corp 7733 Datasheet HTML 246Page - Renesas Technology Corp 7733 Datasheet HTML 247Page - Renesas Technology Corp 7733 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–41
8.3 Clock synchronous serial I/O mode
1 / fEXT
(Note) RTSi
CLKi
RxDi
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
D0 D1 D2 D3 D4 D5 D6 D7
D0
D1 D2
D3 D4
D5
Dummy data is set in UARTi transmission buffer register.
Transmit enable bit
Transmission buffer
empty flag
Receive completion flag
Receive enable bit
Received data is taken in.
UARTi transmission register
← UARTi transmission buffer register
UARTi receive buffer register is read out.
The above timing diagram is applied when
the following conditions are satisfied:
External clock is selected.
RTS
function is selected.
CLK polarity selection bit = “0.”
fEXT: Frequency of external clock
When the CLKi pin’s input level is “H,” satisfy the
following conditions:
Transmit enable bit
→ “1”
Receive enable bit
→ “1”
Writing of dummy data to UARTi transmission
buffer register
UARTi receive register
→ UARTi receive buffer register
UARTi receive
interrupt request bit
Cleared to “0” when an interrupt request is accepted; otherwise,
cleared by software.
Note: The RTSi output function is not assigned for UART2.
Fig. 8.3.15 Example of receive timing (when external clock is selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com