Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 237Page - Renesas Technology Corp 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp 7733 Datasheet HTML 240Page - Renesas Technology Corp 7733 Datasheet HTML 241Page - Renesas Technology Corp 7733 Datasheet HTML 242Page - Renesas Technology Corp 7733 Datasheet HTML 243Page - Renesas Technology Corp 7733 Datasheet HTML 244Page - Renesas Technology Corp 7733 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–38
8.3 Clock synchronous serial I/O mode
[When not using interrupts]
[When using interrupts]
A UARTi receive interrupt request occurs
when reception is completed.
UARTi receive interrupt
This diagram indicates bits and registers
required for processing.
Refer to Figure 8.3.15 for details about the
change of flag status and the occurrence timing
of an interrupt request.
Processing after reading out receive data
UART0 receive buffer register (address 36 16)
UART1 receive buffer register (address 3E 16)
UART2 receive buffer register (address 6A 16)
b7
b0
Reading of the receive data
Receive data is read out.
UART0 transmit/receive control register 1 (address 35 16)
UART1 transmit/receive control register 1 (address 3D 16)
UART2 transmit/receive control register 1 (address 69 16)
b7
b0
Receive completion flag
0: Reception is not completed.
1: Reception is completed.
Checking the completion of reception
1
1
UART0 transmit/receive control register 1 (address 35 16)
UART1 transmit/receive control register 1 (address 3D 16)
UART2 transmit/receive control register 1 (address 69 16)
b7
b0
Checking the error
Overrun error flag
0: No overrun error is detected.
1: Error is detected.
1
1
g
Fig. 8.3.12 Processing after reception is completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com