Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 236Page - Renesas Technology Corp 7733 Datasheet HTML 237Page - Renesas Technology Corp 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp 7733 Datasheet HTML 240Page - Renesas Technology Corp 7733 Datasheet HTML 241Page - Renesas Technology Corp 7733 Datasheet HTML 242Page - Renesas Technology Corp 7733 Datasheet HTML 243Page - Renesas Technology Corp 7733 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–37
8.3 Clock synchronous serial I/O mode
Port P8 direction register (address 14 16)
b7
b0
0
RXD0 pin
0
RXD1 pin
Continued from
“Initial setting example for related registers when receiving (1)”
on the proceeding page
UART0 receive interrupt control register (address 72 16)
UART1 receive interrupt control register (address 74 16)
A-D/UART2 trans./rece. interrupt control register (address 70 16)
b7
b0
Interrupt priority level selection bits
When using interrupts, one of level 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
UART0 transmission buffer register (address 32 16)
UART1 transmission buffer register (address 3A 16)
UART2 transmission buffer register (address 66 16)
b7
b0
Dummy data is set.
UART0 transmit/receive control register 1(address 35 16)
UART1 transmit/receive control register 1(address 3D 16)
UART2 transmit/receive control register 1(address 69 16)
b7
b0
Transmit enable bit ( Note 2)
1: Transmission is enabled.
1
1
Receive enable bit ( Note 2)
1: Receptipn is enabled.
Reception is started.
Notes 2: Set the receive enable bit and the transmit
enable bit to “1” simultaneously.
Port P7 direction register (address 11 16)
b7
b0
0
RXD2 pin (Note 1)
0
Notes 1: In the 7733 Group or the 7735 Group, set this bit.
In the 7736 Group, it is not necessary to set this bit.
Fig. 8.3.11 Initial setting example for related registers when receiving (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com