Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 232Page - Renesas Technology Corp 7733 Datasheet HTML 233Page - Renesas Technology Corp 7733 Datasheet HTML 234Page - Renesas Technology Corp 7733 Datasheet HTML 235Page - Renesas Technology Corp 7733 Datasheet HTML 236Page - Renesas Technology Corp 7733 Datasheet HTML 237Page - Renesas Technology Corp 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp 7733 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–33
Fig. 8.3.7 Transmit operation
____
Fig. 8.3.8 Example of transmit timing (when internal clock and CTS function are selected)
8.3 Clock synchronous serial I/O mode
CLKi pin’s clock
UARTi transmission buffer register
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
Transmit data
MSB
b7
b0
D0
D1
D2
D7
LSB
g
UARTi transmission register
This is applied when the CLK polarity selection bit = “0.”
When the CLK polarity selection bit = “1,” data is shifted at the rising edge of
the transfer clock of CLKi pin.
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Tc
TCLK
CTSi
CLKi
TENDi
TxDi
“H”
“L”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
Data is set in UARTi transmission buffer register.
Transmit enable bit
Transmission buffer
empty flag
Transfer clock
Stopped because CTSi pin’s level = “H”
UARTi transmission register
←UARTi transmission buffer register
The above timing diagram is applied when
the following conditions are satisfied:
• Internal clock is selected.
CTS
function is selected.
CLK polarity selection bit = “0.”
UARTi transmit interrupt
request bit
Cleared to “0” when an interrupt request is accepted; otherwise,
cleared by software.
Transmission register
empty flag
Stopped because transmit enable bit = “0”
TENDi: Next transmit conditions are checked when this signal level becomes “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc = TCLK = 2(n+1)/fi
fi: BRGi’s count source frequency (f2, f16, f64, or f512)
n: Value set to BRGi
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com