Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 223Page - Renesas Technology Corp 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp 7733 Datasheet HTML 229Page - Renesas Technology Corp 7733 Datasheet HTML 230Page - Renesas Technology Corp 7733 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–24
M37733MHBXXXFP
TXD0
CLKS1
CLKS0
CLK0
IN
CLK
IN
CLK
IN
CLK
Note: This is applied when the following conditions are satisfied:
•Only transmission is performed.
•Clock synchronous serial I/O mode is selected.
•An internal clock is selected.
(4) Number of transfer clock output pins (UART0)
Only in UART0, when an internal clock is selected, one pin can be selected as the transfer clock
output pin from the following pins: CLK0, CLKS0 (in common with RxD0), and CLKS1 (in common with
____
____
CTS0
/RTS0).
By this selection, data can be transmitted to the maximum of three external receiving devices. (Refer
____
____
to Œ in Table 8.3.4). In this case, since the RxD0 and CTS0/RTS0 pins function as the transfer clock
____ ____
output pins (CLK0, CLKS1), the CTS/RTS function and reception are disabled.
_____ ____
When only the CLK0 and CLKS0 pins are used as the transfer clock output pins, the P80 (CTS0/RTS0/
CLKS1) pin can be used as a programmable I/O port. (Refer to  in Table 8.3.4.)
Also, when the CLK0 and CLKS1 pins are used as the transfer clock output pins and bit 2 of the port
P8 direction register is set to “0,” data can be received from the RxD0 pin. (Refer to Ž in Table 8.3.4.)
[Setting for related registers]
q An internal clock is selected (bit 3 at address 3016 = “0”).
____ ____
q The CTS/RTS function is disabled (bit 4 at address 3416 = “1”).
q Reception is disabled (bit 2 at address 3516 = “0”). (Refer to Œ and  in Table 8.3.4.)
q Number of transfer clock output pins is selected. (bits 5 and 4 at address 6E16; Refer to Table
8.3.3.)
q Conditions for “output when not transferring” (described later) are set.
(CLKS0: bit 2 at address 1416 = “1”:
CLKS1: bit 0 at address 1416 = “1,” bit 0 at address 1216 = level at “output when not transferring”)
[Pin status]
Refer to Table 8.3.3.
Table 8.3.3 Pin functions when one transfer clock output pin is selected
Transfer clock
output pin
selection bits
Number of pins
from which one
transfer clock
output pin is
selected
1
Selectable
b5
0
0
1
1
b4
0
1
0
1
TxD0
(P83)
Outputs
serial data.
CLK0
(P81)
Outputs transfer clock.
Outputs transfer clock.
Output when not transferring*
Output when not transferring*
RxD0/CLKS0
(P82)
Programmable I/O port
g
Outputs transfer clock.
g
Output when not transferring*: When the CLK polarity selection bit (bit 6 at address 3416) = “0,” the CLK0
pin outputs “H” level; when this bit = “1,” the CLK0 pin outputs “L” level.
g When bit 2 at address 1416 (port P8 direction register) = “0,” the RxD0/CLKS0 pin is in a floating state;
when this bit = “1,” the RxD0/CLKS0 pin do the processing of “output when not transferring.”
Functions
Fig. 8.3.2 Connection example when one transfer clock output pin is selected from three pins
____
____
CTS0
/RTS0/CLKS1
(P80)
Programmable I/O port
Programmable I/O port
Programmable I/O port
Outputs transfer clock.
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com