Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp 7733 Datasheet HTML 223Page - Renesas Technology Corp 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp 7733 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–22
8.3.1 Transfer clock (sync clock)
Data is transferred synchronously with the transfer clock. For the transfer clock, the following items can
be specified:
q Whether to generate the transfer clock internally or to input it from the external.
q Polarity of a clock which is output from the CLKi pin (UART0, UART1)
q Number of transfer clock output pins (UART0).
Note that the transfer clock is generated while the transmit control circuit is operating. Therefore, even
when performing only reception, set the transmit enable bit to “1” and make the transmit control circuit
operate by setting dummy data into the UARTi transmission buffer register.
(1) How to generate transfer clock internally
A count source is selected with the BRG count source selection bits. The count source is divided in
the BRGi, and then the BRGi’s output is further divided by 2. (In this way, the transfer clock is
generated.) This transfer clock is output from the CLKi pin.
[Setting for related registers]
q An internal clock is selected (bit 3 at addresses 3016, 3816, and 6416 = “0”).
q The BRGi’s count source is selected (bits 1 and 0 at addresses 3416, 3C16, and 6816).
q A value of “divide value – 1” (= n: 0016 to FF16) is set into the BRGi (addresses 3116, 3916, and
6516).
Transfer clock’s frequency =
fi: BRGi’s count source frequency (f2, f16, f64, and f512)
q Transmission is enabled (bit 0 at addresses 3516, 3D16, and 6916 = “1”).
q Data is set into the UARTi transmission buffer register (addresses 3216, 3A16, and 6616)
[Pin status]
q Transfer clock is output from the CLKi pin.
q Serial data is output from the TxDi pin. (Dummy data is output when only reception is performed.)
(2) How to input transfer clock from the external
A clock which is input from the CLKi pin is the transfer clock.
[Setting related registers]
q An external clock is selected (bit 3 at addresses 3016, 3816, and 6416 = “1”).
q Transmission is enabled (bit 0 at addresses 3516, 3D16, and 6916 = “1”).
q Data is set into the UARTi transmission buffer register (addresses 3216, 3A16, 6616).
[Pin status]
q Transfer clock is input from the CLKi pin.
q Serial data is output from the TxDi pin. (Dummy data is output when only reception is performed.)
fi
2 (n+1)
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com