Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 179Page - Renesas Technology Corp 7733 Datasheet HTML 180Page - Renesas Technology Corp 7733 Datasheet HTML 181Page - Renesas Technology Corp 7733 Datasheet HTML 182Page - Renesas Technology Corp 7733 Datasheet HTML 183Page - Renesas Technology Corp 7733 Datasheet HTML 184Page - Renesas Technology Corp 7733 Datasheet HTML 185Page - Renesas Technology Corp 7733 Datasheet HTML 186Page - Renesas Technology Corp 7733 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–20
7.4 Event counter mode
Fig. 7.4.2 Initial setting example for registers related to event counter mode
g Counter divides count source frequency by (n + 1).
Setting of the division ratio
b7
b0
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
b7
b0
Timer B0 register (addresses 5116, 5016)
Timer B1 register (addresses 5316, 5216)
Timer B2 register (addresses 5516, 5416)
Counting is started.
b7
b0
0 0: Counts at falling edge of external signal.
0 1: Counts at rising edge of external signal.
1 0: Counts at both of falling and rising edges of external signal.
1 1: Do not select.
01
Selection of the event counter mode and the count polarity
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer B0 count start flag
Timer B1 count start flag
Timer B2 count start flag
X: It may be “0” or “1.”
b3b2
Setting of the interrupt priority level
b7
b0
Timer Bi interrupt control register
(addresses 7A16 to 7C16)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
Setting of the port P6 direction register
b7
b0
Port P6 direction register (address 1016)
Clear the corresponding bit to “0.”
X
Must be fixed to “0” (for i = 0).
Pin TB0IN
Pin TB1IN
Pin TB2IN
Event counter mode is selected.
Count polarity selection bits
XX 0
Selection of the timer B1 internal connection
b7
b0
Port function control register (address 6D16)
Timer B1 internal connect selection bit
0: No internal connection
1: Internal connection with timer B2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com