Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 172Page - Renesas Technology Corp 7733 Datasheet HTML 173Page - Renesas Technology Corp 7733 Datasheet HTML 174Page - Renesas Technology Corp 7733 Datasheet HTML 175Page - Renesas Technology Corp 7733 Datasheet HTML 176Page - Renesas Technology Corp 7733 Datasheet HTML 177Page - Renesas Technology Corp 7733 Datasheet HTML 178Page - Renesas Technology Corp 7733 Datasheet HTML 179Page - Renesas Technology Corp 7733 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–13
7.3 Timer mode
Fig. 7.3.2 Initial setting example for registers related to timer mode
Counting is started.
b7
b0
Count source selection bits
0 0: Clock f 2
0 1: Clock f 16
1 0: Clock f 64
1 1: Clock f 512
00
Selection of the timer mode and the count source
Timer Bi mode register (i = 0 to 2)
(addresses 5B16 to 5D16)
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer B0 count start flag
Timer B1 count start flag
Timer B2 count start flag
b7 b6
Setting of the interrupt priority level
b7
b0
Timer Bi interrupt control register
(addresses 7A16 to 7C16)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
X
Must be fixed to “0” (for i = 0).
X: It may be “0” or “1.”
Clocks f2, f16, f64, and f512
: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Timer mode is selected.
g Counter divides count source frequency by (n + 1).
Setting of the division ratio
b7
b0
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
b7
b0
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
XX
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com