Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 8Page - ATMEL Corporation AT88SC0104C Datasheet HTML 9Page - ATMEL Corporation AT88SC0104C Datasheet HTML 10Page - ATMEL Corporation AT88SC0104C Datasheet HTML 11Page - ATMEL Corporation AT88SC0104C Datasheet HTML 12Page - ATMEL Corporation AT88SC0104C Datasheet HTML 13Page - ATMEL Corporation AT88SC0104C Datasheet HTML 14Page - ATMEL Corporation AT88SC0104C Datasheet HTML 15Page - ATMEL Corporation AT88SC0104C Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
9
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
memory during device personalization. This logic also implements the cryptographic engine for
performing the various higher-level security functions of the device.
4.2
Configuration Memory
The configuration memory consists of 2048 bits of EEPROM memory used for storing pass-
words, keys, codes and defining security levels to be used for each User Zone. The control logic
defines access rights to the configuration memory as well as to the user zones and the user may
not alter these rights. The access rights include the ability to program certain portions of the
configuration memory and then lock the data written through the use of Security Fuses. The
configuration memory for each CryptoMemory device is identical with the exception of the num-
ber of Access Registers and Password/Key Registers available. Devices with 4 user zones
have four sets of registers, those with 8 user zones 8 sets of registers, and those with 16 user
zones 16 sets of registers. Unused memory space in the register region becomes reserved to
ensure other components of the configuration memory remain at the same address location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com