Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 49Page - ATMEL Corporation AT88SC0104C Datasheet HTML 50Page - ATMEL Corporation AT88SC0104C Datasheet HTML 51Page - ATMEL Corporation AT88SC0104C Datasheet HTML 52Page - ATMEL Corporation AT88SC0104C Datasheet HTML 53Page - ATMEL Corporation AT88SC0104C Datasheet HTML 54Page - ATMEL Corporation AT88SC0104C Datasheet HTML 55Page - ATMEL Corporation AT88SC0104C Datasheet HTML 56Page - ATMEL Corporation AT88SC0104C Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
50
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
10.1
DC and AC Characteristics
DC Characteristics
Applicable over recommended operating range fromV
CC = +2.7 to 5.5V
TAC = -40⋅ to +85⋅ C (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current (VCC = 5.5V)
Async READ at 3.57MHz
5
mA
I
CC
Supply Current (V
CC = 5.5V)
Async WRITE at 3.57MHz
5
mA
ICC
Supply Current (VCC = 5.5V)
Synch READ at 1MHz
5
mA
ICC
Supply Current (VCC = 5.5V)
Synch WRITE at 1MHz
5
mA
I
SB (LD)(1)
Standby Current (V
CC= 5.5V)
V
IN = VCC or GND
100
µA
ISB (HD)(2)
Standby Current (VCC= 5.5V)
VIN = VCC or GND
1
mA
VIL
SDA/IO Input Low Voltage(3)
0VCC x 0.2
V
V
IL
Clock Input Low Voltage(3)
0V
CC x 0.2
V
VIL
RST Input Low Voltage(3)
0VCC x 0.2
V
VIH
SDA/IO Input High Voltage(3)
VCC x 0.7
VCC
V
V
IH
SCL/CLK Input High Voltage(3)
V
CC x 0.7
V
CC
V
VIH
RST Input High Voltage(3)
VCC x 0.7
VCC
V
I
IL
SDA/IO Input Low Current
0 < V
IL < VCC x 0.15
15
µA
I
IL
SCL/CLK Input Low Current
0 < V
IL < VCC x 0.15
15
µA
IIL
RST Input Low Current
0 < VIL < VCC x 0.15
50
µA
I
IH
SDA/IO Input High Current
V
CC x 0.7 < VIH < VCC
20
µA
I
IH
SCL/CLK Input High Current
V
CC x 0.7 < VIH < VCC
100
µA
IIH
RST Input High Current
VCC x 0.7 < VIH < VCC
150
µA
V
OH
SDA/IO Output High Voltage
20K ohm external pull-up
V
CC x 0.7
V
CC
V
V
OL
SDA/IO Output Low Voltage
I
OL = 1mA
0
V
CC x 0.15
V
IOH
SDA/IO Output High Current
VOH
20
µA
Notes:
1. AT88SC0104C, AT88SC0204C, AT88SC0404C, AT88SC0808C, AT88SC1616C
2. AT88SC3264C, AT88SC6416C, AT88SC12816C, AT88SC25616C
3. V
IL min and VIH max are reference only and are not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com