Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 44Page - ATMEL Corporation AT88SC0104C Datasheet HTML 45Page - ATMEL Corporation AT88SC0104C Datasheet HTML 46Page - ATMEL Corporation AT88SC0104C Datasheet HTML 47Page - ATMEL Corporation AT88SC0104C Datasheet HTML 48Page - ATMEL Corporation AT88SC0104C Datasheet HTML 49Page - ATMEL Corporation AT88SC0104C Datasheet HTML 50Page - ATMEL Corporation AT88SC0104C Datasheet HTML 51Page - ATMEL Corporation AT88SC0104C Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
45
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.5.4.3
Read Fuse Byte
Fuse data is returned in the form of a single byte. Bits 0 to 3 represent the fuse states; a value of
‘0’ indicates the fuse has been blown. Bits 4 to 7 are not used as Security Fuses and are
reserved by Atmel.
8.5.5
Verify Password: $BA
8.5.5.1
Functional
Figure 8-5.
Verify Password Command Functional Description
Read password indices : $10 to $17 for passwords 0 to 7.
Write password indices : $00 to $07 for passwords 0 to 7.
Secure code index : $07 (equivalent to Write 7 Password).
Four password index bits "r" and "ppp" indicate the password to compare :
r = 0: Write password,
r = 1: Read password,
p2p1p0: Password set number.
If the maximum number of trials has been exceeded, the device will return $69 $00 instead of
the INS code, after receiving the header, to indicate the command is unauthorized. The device
decrements the associated attempts counter before verifying the password, to prevent attacks. If
the password is correct, the device memorizes this success, clears the pasword attempts coun-
ter and returns $90 $00. If the password is wrong, the device simply returns $69 $00 after
decrementing the attempts count. The Write 7 password is also known as the Secure Code and
must be properly presented before access to the configuration memory is granted when person-
alizing the device
Table 8-13.
Fuse Byte Description
F7
F6
F5
F4
F3
F2
F1
F0
resv
resv
resv
resv
SEC
PER
CMA
FAB
Device
Command
Password Index
PW1
PW2
PW3
Host
3 password bytes
Table 8-14.
Verify Password
Verify Password
Data Sent
CLA
INS :
Command
P1
P2
P3
PW1
PW2
PW3
**
$BA
000r 0p2p1p0
**
$03
d7--- ---d0
d15--- ---d8
d23--- ---d16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com