Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 16Page - ATMEL Corporation AT88SC0104C Datasheet HTML 17Page - ATMEL Corporation AT88SC0104C Datasheet HTML 18Page - ATMEL Corporation AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
17
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
5.3.8.1
SME – Supervisor Mode Enable
Asserting this bit (SME = “0”) enables supervisor mode for Write 7 password such that verifying
Write 7 password grants read and write accesses to all password sets and PACs. Verifying
Write 7 password does not grant access to other passwords when this bit is not asserted (SME
= “1”).
5.3.8.2
UCR – Unlimited Checksum Reads
UCR is applicable under authentication and encryption modes of operation.
5.3.8.3
UAT – Unlimited Authentication Trials
UAT is applicable under the authentication mode of operation.
5.3.8.4
ETA – Eight Trials Allowed
Asserting this bit (ETA = “0”) extends the trials limit to 8 incorrect attempts to verify a password.
The password attempt counter (PAC) will decrement ($FF, $FE, $FC, $F8, $F0, $E0, $C0, $80,
$00) with each incorrect attempt. Disabling this bit (ETA = “1”) limits password verification trials
to only four incorrect attempts ($FF, $EE, $CC, $88, $00). The ETA bit also has an application
in the authentication mode of operation.
5.3.8.5
CS0 – CS3: Programmable Chip Select (only relevant in synchronous protocol)
The four most significant bits (b4 – b7) of every command comprise the Chip Select Address. All
CryptoMemory devices will respond to the default Chip Select Address of $B (1011). Each
device also responds to a second Chip Select Address programmed into CS0-CS3 of the Device
Configuration Register. By programming each device to a unique Chip Select Address, it is pos-
sible to connect up to 15 devices on the same Serial Data bus and communicate individually to
each. Global communications to all devices sharing the bus is accomplished using the default
Chip Select Address $B.
5.3.9
Access Registers
Four, eight, or sixteen 8-bit access registers allow personalization of the device. Each access
register works in conjunction with a Password/Key register to define the security settings for
each individual zone of the user memory. Values in the access registers take immediate effect
after programming. The default value for each bit is “1”.
5.3.9.1
PM(1:0) Password Mode
Table 5-4.
Access Register
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
PM1
PM0
AM1
AM0
ER
WLM
MDF
PGO
Table 5-5.
Password Mode
PM0
PM1
Access
1
1
No Password required
1
0
Write Password required
0
X
Read and Write Passwords required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com