Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 50Page - ATMEL Corporation AT88SC0104C Datasheet HTML 51Page - ATMEL Corporation AT88SC0104C Datasheet HTML 52Page - ATMEL Corporation AT88SC0104C Datasheet HTML 53Page - ATMEL Corporation AT88SC0104C Datasheet HTML 54Page - ATMEL Corporation AT88SC0104C Datasheet HTML 55Page - ATMEL Corporation AT88SC0104C Datasheet HTML 56Page - ATMEL Corporation AT88SC0104C Datasheet HTML 57Page - ATMEL Corporation AT88SC0104C Datasheet HTML 58Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
51
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
AC Characteristics
Applicable over recommended operating range fromV
CC = +2.7 to 5.5V
T
AC = -40⋅
to +85
⋅ C (unless otherwise noted)
Symbol
Parameter
Min
Max
Units
f
CLK
Async Clock Frequency (V
CC Range: +4.5 - 5.5V)
1
5
MHz
fCLK
Async Clock Frequency (VCC Range: +2.7 - 3.3V)
1
4
MHz
fCLK
Synchronous Clock Frequency
0
1
MHz
Clock Duty Cycle
40
60
%
tR
Rise Time - SDA/IO, RST
1
µS
tF
Fall Time - SDA/IO, RST
1
µS
t
R
Rise Time - SCL/CLK
9% x period
µS
tF
Fall Time - SCL/CLK
9% x period
µS
tAA
Clock Low to Data Out Valid
35
ns
t
HD.STA
Start Hold Time
200
ns
tSU.STA
Start Set-up Time
200
ns
tHU.DAT
Data In Hold Time
10
ns
t
SU.DAT
Data In Set-up Time
100
ns
tSU.STO
Stop Set-up Time
200
ns
tDH
Data Out Hold Time
20
ns
t
WR
Write Cycle Time (at 25
⋅ C)
5
ms
tWR
Write Cycle Time (-40
⋅ to +85⋅ C)
7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com