Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
34
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.
Asynchronous T=0 Protocol
8.1
Character format
CryptoMemory complies with the asynchronous T=0 protocol defined in ISO 7816-3. The char-
acter format is shown in the following figure: note that the byte is transmitted with the least
significant bit first.
Even parity is used: the parity bit is such that the overall sum of bits in the data byte and the par-
ity bit is an even number. If a transmission error is detected, the receiving device indicates this
by applying a low level on the I/O channel during the guard time. This tells the transmitting
device to retransmit the byte.
8.2
Command format
The command sequence is as follows:
1.
In compliance with ISO 7816-3, the host must send the header consisting of 5 charac-
ters: CLA, INS, P1, P2, P3.
a.
CLA refers to a class of instructions. This byte isn't tested by the device.
b.
INS is the instruction byte.
c.
P1 and P2 are reference bytes, such as a data byte address or password index.
d.
P3 is the number of data bytes transferred during the command. For outgoing
transfers (e.g. read commands), P3 = 0 means that 256 data bytes will be emitted
by the card. For incoming commands, P3 = 0 means that no data bytes will be
transferred.
2.
The device replies with a "procedure byte", normally equal to the INS code received. If
a problem occurred, then the device will respond with a status word pair SW1-SW2,
indicating the end of the command.
3.
Data transfer (P3 bytes).
4.
A final SW1-SW2 sequence gives the status of the device after completion of the com-
mand. A normal completion is indicated by SW1-SW2 = $90-$00.
Note: for all bytes transmitted by the device or by the host, including header, procedure, status
and data bytes, if a parity error is detected, the receiver requests that byte to be sent again (see
character format).
(n ± 0,2) etu
Parity bit
Next Start bit
Start bit
Guard Time
dddddddd
p
0
t
tt
I/O
Z
A
8 data bits
01
110
n
2
3
4567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com