Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation AT88SC0104C Datasheet HTML 32Page - ATMEL Corporation AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
30
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
7.6.3
System Write : $B4
7.6.3.1
Functional
Figure 7-7.
System Write Command Functional Description
The System Write command allows to writing of configuration data to the device. Depending on
the value of the Address 1 parameter, the host may write data in the configuration memory, pro-
gram the fuses, or set the user zone.
7.6.3.2
Write Config Zone
The maximum number of bytes that may be written is as follows;
• $10 for AT88SC0104C through AT88SC1616C (EEPROM page size of 16 bytes)
• $40 for AT88SC3216C and AT88SC6416C (EEPROM page size of 64 bytes)
• $80 for AT88SC12816C and AT88SC25616C (EEPROM page size of 128 bytes)
In anti-tearing mode the maximum value for N is $08 for all devices. A write may be started in
the middle of an EEPROM page but should not extend past the end of the page. If the address
provided is an unauthorized address, the device will not write the requested data. Since access
rights vary throughout the configuration memory, the host may provide an authorized starting
address, but a number of bytes that causes the device to reach unauthorized address. In this
case, the device will prevent the internal write cycle and no bytes will be written in the EEPROM.
After this command the host must perform ACK polling.
Device
Command
Address 1
Address 2
Number of Bytes N
Data
...
Data
Host
N data bytes
Table 7-3.
System Write Command Detail
Command Description
Command
Addr 1
Addr 2
N
Data (N)
Write Config Zone
AT88SC0104C-AT88SC1616C
$B4
$00
addr
N
≤$10
N bytes
Write Config Zone
AT88SC3216C-AT88SC6416C
$B4
$00
addr
N
≤$40
N bytes
Write Config Zone
AT88SC12816C-AT88SC25616C
$B4
$00
addr
N
≤$80
N bytes
Write Fuses
$B4
$01
fuse ID
$00
Set User Zone
$B4
$03
zone
$00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com