Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 15Page - ATMEL Corporation AT88SC0104C Datasheet HTML 16Page - ATMEL Corporation AT88SC0104C Datasheet HTML 17Page - ATMEL Corporation AT88SC0104C Datasheet HTML 18Page - ATMEL Corporation AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
16
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
5.3.2
Answer To Reset (ATR)
This is an 8 byte wide register with content that Atmel defines. This register is read/write acces-
sible prior to blowing the FAB fuse, but becomes read-only after blowing the fuse.
5.3.3
Fab Code
This field is a 16-bit wide register with content that Atmel defines. This field is read/write accessi-
ble prior to blowing the FAB fuse, but becomes read-only after blowing the fuse.
5.3.4
Memory Test Zone (MTZ)
This field is a 16-bit wide register with open read/write access privileges at all times for testing
basic communication to the device. This field is free of all security constraints at all times.
5.3.5
Card Manufacturer Code
This field is a 32-bit wide register with read/write access privileges for the customer to define its
content. The content of this field becomes read-only after blowing the PER fuse.
5.3.6
Lot History Code
This field is a 64-bit wide register with content that Atmel defines. This field is read-only.
5.3.7
Issuer Code
This field is a 128-bit wide register with read/write access privileges for customer to define its
content. The content of this field becomes read-only after blowing the PER fuse.
5.3.8
Device Configuration Register (DCR)
This 8-bit register allows selection of the following device configuration options (active low). The
values programmed have an immediate affect on the logic of the device. The default value is “1”
for each bit.
Table 5-2.
Factory Programmed Fields
Device
ATR
Fab Code
Lot History Code
Write 7 Password
(Secure Code)
AT88SC0104C
3B B2 11 00 10 80 00 01
10 10
Variable, locked
DD 42 97
AT88SC0204C
3B B2 11 00 10 80 00 02
20 20
Variable, locked
E5 47 47
AT88SC0404C
3B B2 11 00 10 80 00 04
40 40
Variable, locked
60 57 34
AT88SC0808C
3B B2 11 00 10 80 00 08
80 60
Variable, locked
22 E8 3F
AT88SC1616C
3B B2 11 00 10 80 00 16
16 80
Variable, locked
20 0C E0
AT88SC3216C
3B B3 11 00 00 00 00 32
32 10
Variable, locked
CB 28 50
AT88SC6416C
3B B3 11 00 00 00 00 64
64 40
Variable, locked
F7 62 0B
AT88SC12816C
3B B3 11 00 00 00 01 28
28 60
Variable, locked
22 EF 67
AT88SC25616C
3B B3 11 00 00 00 02 56
58 60
Variable, locked
17 C3 3A
Table 5-3.
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
SME
UCR
UAT
ETA
CS3
CS2
CS1
CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com