Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 17Page - ATMEL Corporation AT88SC0104C Datasheet HTML 18Page - ATMEL Corporation AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
18
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
When PM = “11”, the user zone under protection requires no password. When PM = “10”, the
zone requires Write Password verification for writing and reading is free. When PM = “01” or
“00”, reading requires the read password verification and writing requires write password verifi-
cation. However, proper verification of the Write Password also grants read access. The
password set required is specified by PW(3:0) in the corresponding Passwords/Keys Register
(see following section). Verification of the Write password also allows modification of the read
and the write passwords.
5.3.9.2
AM(1:0) – Authentication mode
The AM bits allow configuration of the authentication modes and only available under the
authentication mode of operation.
5.3.9.3
ER – Encryption Required
The use of the ER bit is applicable in the encryption mode of operation.
5.3.9.4
WLM – Write Lock Mode
Asserting this bit (WLM = “0”) divides the user zone into 8-byte pages. The first byte of each
page becomes the Write Lock Byte and defines the locked/unlocked status for each byte in the
page. Write access is forbidden to a byte if its associated bit in the Write Lock Byte is set to “0”.
Bit 7 controls byte 7; bit 6 controls byte 6, etc. Setting bit 0 to “0” locks the Write Lock Byte itself.
Enabling Write Lock Mode limits write operations to one byte at a time.
5.3.9.5
MDF – Modify Forbidden
Asserting this bit (MDF = “0”) renders the user zone read-only at all times. The user zone must,
therefore, be programmed before setting this bit to “0”
5.3.9.6
PGO – Program Only
Asserting this bit (PGO = “0”) allows changing of data within the user zone under protection from
“1” to “0” and never from “0” to “1”.
5.3.10
Password/Key Registers
Four, eight or sixteen 8-bit Password/Key registers receive definition during device personaliza-
tion. Each Password/Key register works in conjunction with a corresponding Access register to
define the security settings of each zone. The values programmed have an immediate affect on
the logic of the device. The default value is “1” for each bit. Bit 3 is reserved and should be left
as value “1.”
5.3.10.1
AK(1:0) – Authentication Key
The AK bits are applicable under the authentication mode of operation.
5.3.10.2
POK(1:0) – Program Only Key
The POK bits are applicable under the authentication mode of operation.
Table 5-6.
Password/Key Register Definition
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
AK1
AK0
POK1
POK0
Resv
PW2
PW1
PW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com