Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 18Page - ATMEL Corporation AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation AT88SC0104C Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
19
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
5.3.10.3
PW(2:0) – Password Set
These bits define which of the eight password sets must be presented to allow access to the
user zone when the password mode is selected.
5.3.11
Identification Number
A 56-bit number the customer defines during personalization. It is recommended that a unique
identification number be assigned to each device.
5.3.12
Cryptograms
Cryptograms are applicable to authentication and encryption modes of operation.
5.3.13
Session Keys
Session keys are applicable to authentication and encryption modes of operation.
5.3.14
Secret Seeds
Secret Seeds are applicable to authentication and encryption modes of operation.
5.3.15
Password Sets
The password fields contain eight sets of two 24-bit passwords for read and write operations.
The customer defines the values of these passwords during personalization. Successfully veri-
fying the Write password allows modification of the Read and the Write passwords of the same
set.
5.3.16
Secure Code
The secure code is Write 7 Password. Properly presenting this password grants write access to
the configuration memory during personalization. Atmel defines the initial values of the secure
code but the customer may change these values after successful verification of Write 7 pass-
word. Table 5-2 on page 16 shows the secure codes for the various devices as they leave the
Atmel factory. After blowing the PER fuse, verifying Write 7 password no longer grant write
access to the configuration memory, and the configuration memory becomes read-only
thereafter.
5.3.17
Password Attempts Counters (PAC)
Each of the sixteen PAC fields contains an 8-bit attempts counter for the verify password pro-
cess. Each PAC corresponds to a password. The attempts counter limits the number of
incorrect consecutive presentations of the corresponding password to four, after which it locks
the password from future use. The PAC will decrement ($FF, $EE, $CC, $88, $00) with each
incorrect attempt to present the password. The PAC permanently locks the corresponding pass-
word once its value reaches $00. Prior to reaching $00, any correct presentation of the
password resets the PAC value to $FF.
5.3.18
Authentication Attempts Counters (AAC)
The authentication attempts counters are applicable in authentication and encryption modes of
operation only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com