Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation AT88SC0104C Datasheet HTML 43Page - ATMEL Corporation AT88SC0104C Datasheet HTML 44Page - ATMEL Corporation AT88SC0104C Datasheet HTML 45Page - ATMEL Corporation AT88SC0104C Datasheet HTML 46Page - ATMEL Corporation AT88SC0104C Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
40
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.5
Command Descriptions
8.5.1
Write User Zone: $B0
8.5.1.1
Functional
Figure 8-1.
Write User Zone Command Functional Description
The Write User Zone command $B0 allows writing of data into the device's currently selected
user zone (the procedure for selecting a user zone is described below, (see Section 7.6.3 on
page 30).
The maximum number of bytes that may be written is as follows;
• $10 for AT88SC0104C through AT88SC1616C (EEPROM page size of 16 bytes)
• $40 for AT88SC3216C and AT88SC6416C (EEPROM page size of 64 bytes)
• $80 for AT88SC12816C and AT88SC25616C (EEPROM page size of 128 bytes)
Each data byte within a page must only be loaded once. In anti-tearing mode the maximum
value for N is $08 for all devices. A write in anti-tearing mode is activated with the Set User
Zone with anti-tearing command (00 B4 0B zz 00), all subsequent writes to the user zone will be
in anti-tearing mode.
If the host is not allowed to write in the zone, the device will return the "Command Unauthorized"
code ($69 $00) after it has received the P3 byte.
Device
Command
Address A1
Address A2
Number of Bytes N
Data
...
Data
Host
N data bytes
Table 8-5.
Write User Zone
User Write
Data Sent
CLA
INS :
Command
P1 : Address
1
P2: Address
2
P3 : N
Data(1)
...
Data(N)
**
$B0
0000 0000
0a
6-- ---a0
000n
4 --- n0
d
7--- ---d0
...
d
7--- ---d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com