Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation AT88SC0104C Datasheet HTML 43Page - ATMEL Corporation AT88SC0104C Datasheet HTML 44Page - ATMEL Corporation AT88SC0104C Datasheet HTML 45Page - ATMEL Corporation AT88SC0104C Datasheet HTML 46Page - ATMEL Corporation AT88SC0104C Datasheet HTML 47Page - ATMEL Corporation AT88SC0104C Datasheet HTML 48Page - ATMEL Corporation AT88SC0104C Datasheet HTML 49Page - ATMEL Corporation AT88SC0104C Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
43
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.5.3.2
Write Config Zone
The maximum number of bytes that may be written is as follows:
• $10 for AT88SC0104C through AT88SC1616C (EEPROM page size of 16 bytes)
• $40 for AT88SC3216C and AT88SC6416C (EEPROM page size of 64 bytes)
• $80 for AT88SC12816C and AT88SC25616C (EEPROM page size of 128 bytes)
Each data byte within a page must only be loaded once. In anti-tearing mode the maximum
value for N is $08 for all devices.
If the address provided at P2 is an unauthorized address, the device will return the "Command
Unauthorized" code ($69 $00) after it has received the header. Since access rights vary through-
out the configuration memory, the host may provide an authorized starting address, but a
number of bytes that causes the device to reach unauthorized address. In this case, the device
will prevent the internal write cycle and no bytes will be written in the EEPROM. At the end of the
command the "Command Unauthorized" code ($69 $00) will be returned instead of $90 $00 to
indicate that no write cycle occurred.
8.5.3.3
Write Fuses
The fuses may only be "programmed", that is written from '1' to '0'. The write fuses operation is
only allowed after successfully presenting the secure code (Write 7 password). The fuses must
be blown sequentially: FAB must be blown first, CMA may be blown only if FAB is ‘0’, and PER
only if CMA is ‘0’.
8.5.3.4
Set User Zone
Before reading and writing data in the user zones, the host should select a zone with this com-
mand. At this time the host may choose whether anti-tearing should be active for this zone.
Table 8-9.
Fuse Writing
Fuse
Fuse ID
FAB
$06
CMA
$04
PER
$00
Table 8-10.
System WRITE
CLA
INS :
Command
P1
P2
P3
Data Sent
**
$B4
p7--- ---p0
p7--- ---p0
n7 --- n0
Data(1)
...
Data(N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com