Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC0104C Datasheet HTML 1Page - ATMEL Corporation AT88SC0104C Datasheet HTML 2Page - ATMEL Corporation AT88SC0104C Datasheet HTML 3Page - ATMEL Corporation AT88SC0104C Datasheet HTML 4Page - ATMEL Corporation AT88SC0104C Datasheet HTML 5Page - ATMEL Corporation AT88SC0104C Datasheet HTML 6Page - ATMEL Corporation AT88SC0104C Datasheet HTML 7Page - ATMEL Corporation AT88SC0104C Datasheet HTML 8Page - ATMEL Corporation AT88SC0104C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
2
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
2.1
Embedded Applications
A 2-wire serial interface running at 1.0 MHz is used for fast and efficient communications with up
to 15 devices that may be individually addressed. CryptoMemory is available in industry stan-
dard 8-lead packages with the same familiar pinout as 2-wire serial EEPROM’s supporting only
the synchronous communications protocol.
2.2
Smart Card Applications
CryptoMemory offers the ability to communicate with virtually any smart card reader using the
asynchronous T=0 protocol defined in ISO 7816-3. For devices with 32K bits of user memory
and larger, communication speeds up to 153,600 baud are supported by utilizing ISO 7816-3
Protocol and Parameter Selection. All CryptoMemory devices in smart card module form will
also communicate using a synchronous 2-wire serial interface.
Figure 2-1.
Block Diagram
2.3
Scope and Purpose of This Document
This document covers only the Standard Mode of operation of CryptoMemory. The other modes
of operation are the Authentication and Encryption Modes. This document provides all the infor-
mation needed to utilize CryptoMemory in the Standard Mode. The scoping of this document
allows for free distribution without formal requirements of any user agreements and serves the
purpose of developing applications using only the Standard Mode of operation. Documents con-
taining detailed description of the cryptographic technology, operation and function of the
Authentication and Encryption Modes of CryptoMemory are secure and so only available under
Non-Disclosure and Limited Licensing Agreements (NDA and LLA). Contact your regional
Atmel sales office to obtain these secure documents.
Authentication,
Encryption and
Certification Unit
EEPROM
Answer to Reset
Data Transfer
Password
Verification
Reset Block
Asynchronous
ISO Interface
Synchronous
Interface
Power
Management
VCC
GND
SCL/CLK
SDA/IO
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com