Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation AT88SC0104C Datasheet HTML 43Page - ATMEL Corporation AT88SC0104C Datasheet HTML 44Page - ATMEL Corporation AT88SC0104C Datasheet HTML 45Page - ATMEL Corporation AT88SC0104C Datasheet HTML 46Page - ATMEL Corporation AT88SC0104C Datasheet HTML 47Page - ATMEL Corporation AT88SC0104C Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
41
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.5.2
Read User Zone: $B2
8.5.2.1
Functional
Figure 8-2.
Read User Zone Command Functional Description
The Read User Zone command $B2 allows reading of data from the device's currently selected
user zone (the procedure for selecting a user zone is described below under Section 8.5.3.4 on
page 43). The byte address is internally incremented following the transmission of each data
byte. During a read operation the address will "roll over" from the last byte of the current zone, to
the first byte of the same zone.
If the host is not allowed to read the zone, the device will return the "Command Unauthorized"
code ($69 $00) after it has received the header.
Device
Read Command
Address A1
Address A2
Number of Bytes N
Host
N data bytes
Data
...
Data
Table 8-6.
Read User Zone
User Read
Data Returned
CLA
INS :
Command
P1 : Address
1
P2: Address
2
P3 : N
Data(1)
...
Data(N)
**
$B2
0000 0000
0a6-- ---a0
n7 --- n0
d7--- ---d0
...
d7--- ---d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com