Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation AT88SC0104C Datasheet HTML 26Page - ATMEL Corporation AT88SC0104C Datasheet HTML 27Page - ATMEL Corporation AT88SC0104C Datasheet HTML 28Page - ATMEL Corporation AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation AT88SC0104C Datasheet HTML 32Page - ATMEL Corporation AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
26
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
Figure 7-1.
TWI Write Command:
All CryptoMemory commands will have a zero for the LSB of the first byte. All CryptoMemory
commands will have 4 bytes used for defining the command and addressing the memory. All
but the CryptoMemory read commands will send an additional 0 to 128 bytes of data following
the 4 command bytes. These commands comply with the format of a TWI write command.
The CryptoMemory read commands (Read User Zone, System Read) do not comply with the
format of a TWI write or read command. The CryptoMemory read command looks like a TWI
write command (LSB of the first byte = 0) but after the 4th byte of the command the CryptoMem-
ory device will begin to send data back on the bus. The number of bytes sent by CryptoMemory
will be equal to the value of N.
Figure 7-2.
CryptoMemory Read Command
The response of CryptoMemory will cause contention with the host on a standard TWI bus. Typ-
ically CryptoMemory cannot be used on a standard TWI bus but requires a modified TWI
protocol to account for the unique read command format.
7.4
Acknowledge Polling
Each command is ended with a stop condition. Certain commands are required to be followed
by an acknowledge polling sequence. Acknowledge polling consists of sending a start condition
followed by the command byte and determining if the device responded with an ACK. If the
device is not ready for the command it will not acknowledge and the sequence must be repeated
(start condition, command byte, check for ACK). The ACK indicates the operation has com-
pleted but gives no indication of the success or failure of the command.
• Read Commands: No ACK polling required.
S
T
A
R
T
S
T
O
P
Device
Address
Word
Address 1
Word
Address 2N
Data
Data X N
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
xxxx xxx0
xxxx xxxx
xxxx xxxx
xxxx xxxx
d7--- ---d0
d7--- ---d0
S
T
A
R
T
S
T
O
P
Command
Address 1
Address 2
Data
Data x N
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
N
A
C
K
xxxx 0x10
xxxx xxxx
xxxx xxxx
xxxx xxxx
d7--- ---d0
d7--- ---d0
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com