Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation AT88SC0104C Datasheet HTML 32Page - ATMEL Corporation AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
31
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
7.6.3.3
Write Fuses
The fuses may only be "programmed", that is written from '1' to '0'. The write fuses operation is
allowed only after successfully presenting the secure code (write 7 password). The fuses must
be blown sequentially: FAB must be blown first, CMA may be blown only if FAB is ‘0’, and PER
only if CMA is ‘0’. After this command the host must perform ACK polling.
7.6.3.4
Set User Zone
Before reading and writing data in the user zones, the host must select a zone with this com-
mand. At this time the host chooses whether anti-tearing should be active for this zone.
Data written to the configuration memory may be done with anti-tearing enabled by setting
address 1 to $08 of the Write Config Zone command.
To enable anti-tearing for writes to a user zone a Set User Zone command is executed with
address 1 set to $0B. All subsequent Write User Zone commands will be executed with anti-
tearing enabled until the next Set User Zone command. Anti-tearing should be turned off if not
required, as it would otherwise cause more write cycles than necessary.
Figure 7-8.
System Write
Table 7-4.
Fuse Writing
Fuse
Fuse ID
FAB
$06
CMA
$04
PER
$00
Table 7-5.
Anti-Tearing
Command Description
Command
Addr 1
Addr 2
N
Data (N)
Write Config Zone with Anti-Tearing
$B4
$08
addr
N
≤$08
N bytes
Set User Zone with Anti-Tearing
$B4
$0B
zone
$00
S
T
A
R
T
S
T
O
P
Command
Address 1
Address 2
Data
Data x N
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
1011 0100
0000 xxxx
xxxx xxxx
xxxx xxxx
d7--- ---d0
d7--- ---d0
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com