Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC0104C Datasheet HTML 1Page - ATMEL Corporation AT88SC0104C Datasheet HTML 2Page - ATMEL Corporation AT88SC0104C Datasheet HTML 3Page - ATMEL Corporation AT88SC0104C Datasheet HTML 4Page - ATMEL Corporation AT88SC0104C Datasheet HTML 5Page - ATMEL Corporation AT88SC0104C Datasheet HTML 6Page - ATMEL Corporation AT88SC0104C Datasheet HTML 7Page - ATMEL Corporation AT88SC0104C Datasheet HTML 8Page - ATMEL Corporation AT88SC0104C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
1
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
1.
Pin Configuration and Package Information
1.1
Pin Configuration
1.2
Package Information
2.
Description
The AT88SCxxxxC is a family of 9 high-performance secure memory devices providing 1K to
256K bits of user memory with advanced built-in security and cryptographic features. The mem-
ory is divided into 4, 8 or 16 user zones each of which may be individually set with different
security access rights or used together to provide space for one or multiple data files. Cryptom-
emory has a configuration memory that contains registers to define the security rights for each
user zone and space for passwords and secret keys used by the security logic of
CryptoMemory.
Through dynamic, symmetric mutual authentication, data encryption, and the use of encrypted
checksums, CryptoMemory provides a secure place for storage of sensitive information within a
system. With its tamper protection circuits, this information remains safe even under attack.
CryptoMemory also provides high security, low cost and ease of implementation of host-client
type systems without the need for a microprocessor operating system. The embedded crypto-
graphic engine provides for a dynamic, symmetric mutual authentication between the device and
host, as well as performs stream encryption for all data and passwords exchanged between the
device and host. Up to four unique key sets are available for these operations.
Table 1-1.
Package Pin Configuration
Pad
Description
ISO Module Contact
Standard Package Pin
VCC
Supply Voltage
C1
8
GND
Ground
C5
4
SCL/CLK
Serial Clock Input
C3
6
SDA/IO
Serial Data Input/Output
C7
5
RST
Reset Input
C2
NC
1
2
3
4
8
7
6
5
Smart Card Module
VCC=C1
RST=C2
SCL/CLK=C3
NC=C4
C5=GND
C6=NC
C7=SDA/IO
C8=NC
8-lead SOIC, PDIP
NC
NC
NC
GND
VCC
NC
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com