Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 28Page - ATMEL Corporation AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation AT88SC0104C Datasheet HTML 32Page - ATMEL Corporation AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
29
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
Figure 7-4.
Write User Zone
7.6.2
Read User Zone: $B2
7.6.2.1
Functional
Figure 7-5.
Read User Zone Command Functional Description
The Read User Zone command $B2 allows reading of data from the device's currently selected
user zone (the procedure for selecting a user zone is described below under Section 7.6.3.4 on
page 31).
The data byte address to be read is defined by Address 1 and Address 2 in the command and is
internally incremented following the transmission of each data byte. The value N defines how
many bytes CryptoMemory will read, a value of zero will result in 256 bytes read. The host how-
ever may cease clocking the device and end the transmission with a NACK and STOP at
anytime prior to receiving all N bytes. During a read operation the address will "roll over" from
the last byte of the current zone, to the first byte of the same zone.
If the host is not allowed to read the zone, the device will not acknowledge the N byte.
Figure 7-6.
Read User Zone
Device
Read Command
Address 1
Address 2
Number of Bytes N
Host
N data bytes
Data
...
Data
S
T
A
R
T
S
T
O
P
Command
Address 1
Address 2
Data
Data x N
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
N
A
C
K
1011 0010
xxxx xxxx
xxxx xxxx
xxxx xxxx
d7--- ---d0
d7--- ---d0
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com