Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
35
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.3
PPS Support
All CryptoMemory devices with user memory sizes 32Kbits and larger support the Protocol and
Parameter Selection (PPS) protocol, section 7 of ISO 7816-3. This section only applies to these
larger devices; PPS is not supported by CryptoMemory with memory sizes 16K bit or smaller.
At the end of an ATR sequence, subsequent to either a cold or a warm reset initiated by the
reader, the device will be expecting either a ‘Class’ byte as part of a command header, or the ini-
tial character, PPSS, of a PPS request. If the device receives a byte = $FF, it will process
subsequent incoming bytes as a PPS request. In all other cases, it will proceed with command
processing. There are 4 bytes that comprise a PPS request or response;
• Initial Character PPSS. Always equal to $FF.
• Format Character PPS0. CryptoMemory supports two response values for PPS0, $00 and
$01. See ISO 7816 for further definition of PPS0.
• Parameter Character PPS1. Encodes Fn and Dn in the same manner as TA(1) in the ATR
• Checksum PCK.
The following table shows the PPS1 values supported by CryptoMemory devices with memory
sizes 32K bits and above.
Table 8-1.
PPS1 Values CryptoMemory Supports
f Max
4 MHz
5 MHz
5 MHz
Fl
0000b
0001b
1001b
Dl
Di
Fi
372
372
512
0001b
1
PPS1
01
11
F/D
372
372
baud rate
9600
9600
0010b
2
PPS1
02
12
F/D
186
186
baud rate
19200
19200
0011b
4
PPS1
03
13
F/D
93
93
baud rate
38400
38400
0100b
8
PPS1
04
14
94
F/D
46.5
46.5
64
baud rate
76800
76800
55800
0101b
16
PPS1
05
15
95
F/D
23.25
23.25
32
baud rate
153600
153600
111600
1000b
12
PPS1
08
18
F/D
31
31
baud rate
115200
115200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com