Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation AT88SC0104C Datasheet HTML 26Page - ATMEL Corporation AT88SC0104C Datasheet HTML 27Page - ATMEL Corporation AT88SC0104C Datasheet HTML 28Page - ATMEL Corporation AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
23
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
value if operating in asynchronous mode. The CyrptoMemory device will always output all 8
bytes in response to the asynchronous ATR command regardless of the contents of the register.
Once the asynchronous mode has been selected, it is not possible to switch to the synchronous
mode without powering off the device.
Figure 6-2.
Power Up Sequence for Smart Card Mode
After a successful ATR, the Protocol and Parameter Selection (PPS) protocol defined by ISO
7816-3 may be used to negotiate the communications speed with CryptoMemory devices 32-
Kbits and larger in user memory. CryptoMemory supports D values of 1,2,4,8,12 and 16 for an F
value of 372. CryptoMemory also supports D values of 8 and 16 for F = 512. This allows selec-
tion of 8 communications speeds ranging from 9600 baud to 153,600 baud.
Smart card applications that support the 2-Wire protocol can also use CryptoMemory in the syn-
chronous mode.
Table 6-1.
ATR Codes for Lower Density CryptoMemory
Device
TS
T0
TA(1)
TB(1)
TD(1)
TA(2)
T1
T2
AT88SC0104C
$3B
$B2
$11
$00
$10
$80
$00
$01
AT88SC0204C
$3B
$B2
$11
$00
$10
$80
$00
$02
AT88SC0404C
$3B
$B2
$11
$00
$10
$80
$00
$04
AT88SC0808C
$3B
$B2
$11
$00
$10
$80
$00
$08
AT88SC1616C
$3B
$B2
$11
$00
$10
$80
$00
$16
Table 6-2.
ATR Codes for Higher Density CryptoMemory
Device
TS
T0
TA(1)
TB(1)
TD(1)
T1
T2
T3
AT88SC3216C
$3B
$B3
$11
$00
$00
$00
$00
$32
AT88SC6416C
$3B
$B3
$11
$00
$00
$00
$00
$64
AT88SC12816C
$3B
$B3
$11
$00
$00
$00
$01
$28
AT88SC25616C
$3B
$B3
$11
$00
$00
$00
$02
$56
Vcc
I/O-SDA
RST
CLK-SCL
ATR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com