Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation AT88SC0104C Datasheet HTML 32Page - ATMEL Corporation AT88SC0104C Datasheet HTML 33Page - ATMEL Corporation AT88SC0104C Datasheet HTML 34Page - ATMEL Corporation AT88SC0104C Datasheet HTML 35Page - ATMEL Corporation AT88SC0104C Datasheet HTML 36Page - ATMEL Corporation AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
32
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
7.6.4
System Read : $B6
7.6.4.1
Functional
Figure 7-9.
System Read Command Functional Description
The System Read command allows reading of system data from the device. Depending on the
value of address 1, the host may read the data in the configuration memory, or the fuses.
7.6.4.2
Read Config Zone
The data byte address to be read is defined by address 2 in the command and is internally incre-
mented following the transmission of each data byte. The value N defines how many bytes
CryptoMemory will read, a value of zero will result in 256 bytes read. If the address provided is
an unauthorized address, the device will not ACK the N byte and will not return any data. Since
access rights vary throughout the configuration zone, the host may provide an authorized start-
ing address and a number of bytes N that causes the device to reach unauthorized address. In
this case the device will transmit the fuse byte (see below) in place of unauthorized bytes.
7.6.4.3
Read Fuse Byte
Fuse data is returned in the form of a single byte. Bits 0 to 3 represent the fuse states, a value
of ‘0’ indicates the fuse has been blown. Bits 4 to 7 are not used as security fuses and are
reserved by Atmel.
Device
Read Command
Address 1
Address 2
Number of Bytes N
Host
N data bytes
Data
...
Data
Table 7-6.
System Read Command Description
Command Description
Command
Addr 1
Addr 2
N
Read Config Zone
$B6
$00
addr
N
Read Fuse Byte
$B6
$01
$00
$01
Table 7-7.
Read Fuse Bytes
F7
F6
F5
F4
F3
F2
F1
F0
resv
resv
resv
resv
SEC
PER
CMA
FAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com