Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation AT88SC0104C Datasheet HTML 26Page - ATMEL Corporation AT88SC0104C Datasheet HTML 27Page - ATMEL Corporation AT88SC0104C Datasheet HTML 28Page - ATMEL Corporation AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation AT88SC0104C Datasheet HTML 30Page - ATMEL Corporation AT88SC0104C Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
24
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
7.
Synchronous Protocol
Communication with the CryptoMemory using the synchronous protocol is very similar to com-
munication with AT24Cxxx Serial EEPROM devices using a two-wire protocol (TWI). Basic
command structure and timing are the same however a significant difference exists when read-
ing the CryptoMemory device that will be described below.
7.1
Start-up Sequence
When first powering up the device, 5 pulses are required on CLK-SCL for reading of internal reg-
isters. This may be accomplished by sending one full command byte to the device. The device
will not respond but will then be ready to respond to the next correct command sequence.
• Power-up V
CC
• External pull-up resistor pulls I/O-SDA high with V
CC
• After stable V
CC, 5 pulses are applied to CLK-SCL
• CLK-SCL and I/O-SDA may be driven.
7.2
Command Set
The command set of CryptoMemory is expanded compared to a Serial EEPROM as the func-
tionality of CryptoMemory exceeds that of a simple memory device. Each instruction sent to the
CryptoMemory must have 4 bytes: Command, Address 1, Address 2 and N. The last byte, N,
defines the number of any additional data bytes to be sent or received from the CryptoMemory
device.
Vcc
I/O-SDA
CLK-SCL
1
2
3
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com