Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 13Page - ATMEL Corporation AT88SC0104C Datasheet HTML 14Page - ATMEL Corporation AT88SC0104C Datasheet HTML 15Page - ATMEL Corporation AT88SC0104C Datasheet HTML 16Page - ATMEL Corporation AT88SC0104C Datasheet HTML 17Page - ATMEL Corporation AT88SC0104C Datasheet HTML 18Page - ATMEL Corporation AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
14
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
5.1.3
Data Encryption
The encryption mode builds upon the mutual authentication mode such that the host and device
first authenticate each other and go further to encrypt all data communications between them.
Additional information on using the encryption mode is available from Atmel under NDA and/or
LLA.
5.1.4
Encrypted Checksum
The encrypted checksums allows for bidirectional data validity and integrity check between the
host and device. Additional information on using encrypted checksums is available from Atmel
under NDA and LLA.
5.2
Data Protection Features
Security operations control access to data stored in CryptoMemory. After gaining access, addi-
tional options exist to protect data in the user memory.
5.2.1
Modify Forbidden
The Modify Forbidden option renders the user zone read-only by restricting all write operations
to it. It is recommended to program all required data in the user zone prior to enabling this
option. Modify Forbidden is available for any user zone and is selectable by configuring appro-
priate Access Registers.
5.2.2
Program Only
The Program Only option constrains data bit modification to programming from logic “1” to logic
“0” only. Data bits may never change from logic “0” to logic “1”. Program Only is available for
any user zone and is selectable by configuring appropriate Access Registers.
5.2.3
Write Lock
The Write Lock option provides ability to render individual bytes within a user zone read-only by
restricting all write operations to it. It operates on 8-byte page level whereby the lowest
addressed byte of the page serves as the write access control byte for that page. Figure 5-2
shows the use of write lock for data at addresses $080 - $087. The byte at $080 controls write-
access to bytes from $080 to $087.
The Write Lock option also applies to the access control byte for each page by writing its least
significant (rightmost) bit to logic “0”. Moreover, only logic modifications from logic “1” to logic “0”
of the access control byte are permissible.
Figure 5-2.
Write Lock example
Address
$0
$1
$2
$3
$4
$5
$6
$7
$080
110110011
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
locked
locked
locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com