Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 37Page - ATMEL Corporation AT88SC0104C Datasheet HTML 38Page - ATMEL Corporation AT88SC0104C Datasheet HTML 39Page - ATMEL Corporation AT88SC0104C Datasheet HTML 40Page - ATMEL Corporation AT88SC0104C Datasheet HTML 41Page - ATMEL Corporation AT88SC0104C Datasheet HTML 42Page - ATMEL Corporation AT88SC0104C Datasheet HTML 43Page - ATMEL Corporation AT88SC0104C Datasheet HTML 44Page - ATMEL Corporation AT88SC0104C Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
38
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
8.4.1
Status Words
These status words indicate the state of the device at the end of the command. In normal condi-
tions, the device sends the INS byte as the procedure byte, and $90 $00 as the final status word.
In certain conditions described below, the device may interrupt the command by returning a sta-
tus word in place of INS as the procedure byte.
$67 $00 is returned as procedure bytes when the number of data bytes to be transferred is
incorrect.
$69 $00 is returned after read/write commands as procedure bytes if the host is not allowed to
read/write at the address provided. It is also returned after Password commands if the maximum
number of attempts has been exceeded. The device will return $69 $00 as a final status word in
place of $90 $00, if the password presentation failed.
$6B $00 is returned as procedure bytes if the address is incorrect.
$6D $00 is returned as procedure bytes if the INS code received is not supported.
Table 8-3.
Asychronous Mode Return Status Definitions
SW1 SW2
Meaning
$67 $00
The length is incorrect
$69 $00
The command is unauthorized
$6B $00
Address is Incorrect
$6D $00
The instruction code is invalid
$90 $00
The command was successfully executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com