Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation AT88SC0104C Datasheet HTML 26Page - ATMEL Corporation AT88SC0104C Datasheet HTML 27Page - ATMEL Corporation AT88SC0104C Datasheet HTML 28Page - ATMEL Corporation AT88SC0104C Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
22
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
6.
Protocol Selection
CryptoMemory supports two application areas with different communication protocols: a 2-wire
serial communication for embedded applications and an ISO 7816 asynchronous T=0 smart
card interface. The power-up sequence of CryptoMemory determines what mode it shall oper-
ate in. A brief description of each of these modes follows.
6.0.1
Synchronous Mode for Embedded Applications
The 2-wire serial interface is used for fast and efficient communication with logic and controllers.
The synchronous mode is the default after powering up V
CC due to the internal and/or external
pull-up on RST. For embedded applications using CryptoMemory in standard plastic packages
RST is not bonded out and this is the only communication protocol.
Power-up V
CC, RST goes high also.
After stable V
CC, apply 5 pulses CLK-SCL
CLK-SCL and I/O-SDA may then be driven.
Figure 6-1.
Power Up Sequence for 2-Wire Mode
The asynchronous mode is selected when RST is low on a rising edge of CLK. Once the asyn-
chronous mode has been selected, it is not possible to return to the synchronous mode other
than by powering the device off and on again.
6.0.2
Asynchronous Mode for Smart Card Applications
The asynchronous T=0 protocol defined by ISO 7816-3 is used for compatibility with industry
standard smart card readers. Selecting this mode requires the following power-up sequence,
which complies with ISO 7816-3 for a cold reset in smart card applications.
•Power up V
CC; RST, IO-SDA and CLK-SCL are low
• Set I/O-SDA in receive mode
• Provide a clock signal to CLK-SCL
• RST goes high after 400 clock cycles.
The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory
density within the CryptoMemory family.
The 64-bit ATR code comes from a register that contains the characters shown in Table 6-1 on
page 23 and Table 6-2 on page 23. The historical bytes (T1, T2, T3) show the density of the
CryptoMemory device. This register may be modified during personalization but is locked when
the PER fuse is blown. Care must be taken to respect the applicable standards defining the ATR
Vcc
I/O-SDA
RST
CLK-SCL
1
2
3
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com