Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC0104C Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT88SC0104C
Description  CryptoMemory Specification For Standard Mode of Operation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0104C Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT88SC0104C Datasheet HTML 19Page - ATMEL Corporation AT88SC0104C Datasheet HTML 20Page - ATMEL Corporation AT88SC0104C Datasheet HTML 21Page - ATMEL Corporation AT88SC0104C Datasheet HTML 22Page - ATMEL Corporation AT88SC0104C Datasheet HTML 23Page - ATMEL Corporation AT88SC0104C Datasheet HTML 24Page - ATMEL Corporation AT88SC0104C Datasheet HTML 25Page - ATMEL Corporation AT88SC0104C Datasheet HTML 26Page - ATMEL Corporation AT88SC0104C Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
20
5210B–SMIC–11/08
AT88SC0104/0204/0404/0808/1616/3216/6416/12816/25616C
5.4
Security Fuses
CryptoMemory uses four fuses. The status of these fuses is given in a ‘fuse byte.’ A value of ‘0’
indicates that the fuse has been blown. Bits 4 to 7 of this byte are not used as Security Fuses
and are reserved for Atmel use.
The bits SEC, PER, CMA and FAB are non-volatile fuses blown at the end of various steps in
the manufacturing and personalization process. Once blown, these fuses can never be reset.
Atmel blows the SEC fuse to lock the lot history code before the device leaves the factory. Blow-
ing the remainder of the fuses must follow the sequence:
1.
FAB – To lock the Answer To Reset and the Fab Code portions of the Configuration
Memory.
2.
CMA – To lock the Card Manufacturer Code of the Configuration Memory
3.
PER – To lock the remainder of the Configuration Memory
Any attempt to blow a fuse out of sequence will be unsuccessful.
Table 5-8 on page 21 provides a summary of access rights for all portions of the memory for
each fuse condition.
Table 5-7.
Device Fuses
F
7
F
6
F
5
F
4
F
3
F
2
F
1
F
0
resv
resv
resv
resv
SEC
PER
CMA
FAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com