Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 127Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 128Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 131Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 132Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
129
Figure 108. USB Receive Waveform in VP_VM Unidirectional Mode
Table 89 describes the port timing specification in VP_VM unidirectional mode.
Table 89. USB Timing Specification in VP_VM Unidirectional Mode
No.
Parameter
Signal
Direction
Min.
Max.
Unit
Conditions/Reference Signal
US30
Tx rise/fall time
USB_DAT_VP
Out
—
5.0
ns
50 pF
US31
Tx rise/fall time
USB_SE0_VM
Out
—
5.0
ns
50 pF
US32
Tx rise/fall time
USB_TXOE_B
Out
—
5.0
ns
50 pF
US33
Tx duty cycle
USB_DAT_VP
Out
49.0
51.0
%
—
US34
Tx overlap
USB_SE0_VM
Out
–3.0
+3.0
ns
USB_DAT_VP
US38
Rx rise/fall time
USB_VP1
In
—
3.0
ns
35 pF
US39
Rx rise/fall time
USB_VM1
In
—
3.0
ns
35 pF
US40
Rx skew
USB_VP1
In
–4.0
+4.0
ns
USB_VM1
US41
Rx skew
USB_RCV
In
–6.0
+2.0
ns
USB_VP1
US38
USB_VM1
Receive
USB_RCV
USB_TXOE_B
US41
US40
US39
USB_VP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com