Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 127Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 128Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
126
Figure 104. USB Receive Waveform in DAT_SE0 Unidirectional Mode
Table 85 describes the port timing specification in DAT_SE0 unidirectional mode.
4.9.24.3
VP_VM Bidirectional Mode
Table 86 defines the signals for VP_VM bidirectional mode. Figure 105 and Figure 106 show the transmit
and receive waveforms respectively.
Table 85. USB Port Timing Specification in DAT_SE0 Unidirectional Mode
No.
Parameter
Signal Name
Signal
Source
Min.
Max.
Unit
Condition/
Reference Signal
US9
Tx rise/fall time
USB_DAT_VP
Out
—
5.0
ns
50 pF
US10
Tx rise/fall time
USB_SE0_VM
Out
—
5.0
ns
50 pF
US11
Tx rise/fall time
USB_TXOE_B
Out
—
5.0
ns
50 pF
US12
Tx duty cycle
USB_DAT_VP
Out
49.0
51.0
%
—
US15
Rx rise/fall time
USB_VP1
In
—
3.0
ns
35 pF
US16
Rx rise/fall time
USB_VM1
In
—
3.0
ns
35 pF
US17
Rx rise/fall time
USB_RCV
In
—
3.0
ns
35 pF
Table 86. Signal Definitions—VP_VM Bidirectional Mode
Name
Direction
Signal Description
USB_TXOE_B
Out
Transmit enable, active low
USB_DAT_VP
Out (Tx)
In (Rx)
Tx VP data when USB_TXOE_B is low
Rx VP data when USB_TXOE_B is high
USB_SE0_VM
Out (Tx)
In (Rx)
Tx VM data when USB_TXOE_B low
Rx VM data when USB_TXOE_B high
USB_RCV
In
Differential Rx data
US16
US15/US17
USB_VP1
USB_TXOE_B
Receive
USB_VM1
USB_RCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com