Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
123
4.9.23.2.14
UART IrDA Mode Receiver
Figure 100 depicts the UART IrDA mode receive timing, with 8 data bit/1 stop bit format. Table 81 lists
the receive timing characteristics.
Figure 100. UART IrDA Mode Receive Timing Diagram
4.9.24
USB Electrical Specifications
In order to support four different serial interfaces, the USB serial transceiver can be configured to operate
in one of four modes:
•
DAT_SE0 bidirectional, 3-wire mode
•
DAT_SE0 unidirectional, 6-wire mode
•
VP_VM bidirectional, 4-wire mode
•
VP_VM unidirectional, 6-wire mode
Table 80. IrDA Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA3
Transmit bit time in IrDA mode
tTIRbit
1/Fbaud_rate
1 –
Tref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
—
UA4
Transmit IR pulse duration
tTIRpulse
(3/16)
× (1/Fbaud_rate)
– Tref_clk
(3/16)
× (1/Fbaud_rate)
+ Tref_clk
—
Table 81. IrDA Mode Receive Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA5
Receive bit time1 in IrDA mode
1
The UART receiver can tolerate 1/(16
× Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16
× Fbaud_rate).
tRIRbit
1/Fbaud_rate
2 –
1/(16
× Fbaud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency) ÷ 16.
1/Fbaud_rate +
1/(16
× Fbaud_rate)
—
UA6
Receive IR pulse duration
tRIRpulse
1.41 us
(5/16)
× (1/Fbaud_rate)—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA5
UA5
UA5
UA5
UA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com