Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 115Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 116Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
119
Table 76. SSI Transmitter with External Clock Timing Parameters
ID
Parameter
Min.
Max.
Unit
External Clock Operation
SS22
(Tx/Rx) CK clock period
81.4
—
ns
SS23
(Tx/Rx) CK clock high period
36.0
—
ns
SS24
(Tx/Rx) CK clock rise time
—
6.0
ns
SS25
(Tx/Rx) CK clock low period
36.0
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS27
(Tx) CK high to FS (bl) high
–10.0
15.0
ns
SS29
(Tx) CK high to FS (bl) low
10.0
—
ns
SS31
(Tx) CK high to FS (wl) high
–10.0
15.0
ns
SS33
(Tx) CK high to FS (wl) low
10.0
—
ns
SS37
(Tx) CK high to STXD valid from high impedance
—
15.0
ns
SS38
(Tx) CK high to STXD high/low
—
15.0
ns
SS39
(Tx) CK high to STXD high impedance
—
15.0
ns
Synchronous External Clock Operation
SS44
SRXD setup before (Tx) CK falling
10.0
—
ns
SS45
SRXD hold after (Tx) CK falling
2.0
—
ns
SS46
SRXD rise/fall time
—
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com