Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
121
4.9.23
UART Electrical
This section describes the electrical information of the UART module.
4.9.23.1
UART RS-232 Serial Mode Timing
The following subsections give the UART transmit and receive timings in RS-232 serial mode.
4.9.23.1.11
UART Transmitter
Figure 97 depicts the transmit timing of UART in RS-232 serial mode, with 8 data bit/1 stop bit format.
Table 78 lists the UART RS-232 serial mode transmit timing characteristics.
Figure 97. UART RS-232 Serial Mode Transmit Timing Diagram
SS25
(Tx/Rx) CK clock low period
36.0
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS28
(Rx) CK high to FS (bl) high
–10.0
15.0
ns
SS30
(Rx) CK high to FS (bl) low
10.0
—
ns
SS32
(Rx) CK high to FS (wl) high
–10.0
15.0
ns
SS34
(Rx) CK high to FS (wl) low
10.0
—
ns
SS35
(Tx/Rx) External FS rise time
—
6.0
ns
SS36
(Tx/Rx) External FS fall time
—
6.0
ns
SS40
SRXD setup time before (Rx) CK low
10.0
—
ns
SS41
SRXD hold time after (Rx) CK low
2.0
—
ns
Table 77. SSI Receiver with External Clock Timing Parameters (continued)
ID
Parameter
Min.
Max.
Unit
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA1
UA1
UA1
UA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com