Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 138Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 139Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
142
Table 92. Silicon Revision 2.0 Ball Map—17 x 17, 0.8 mm Pitch
1
2
3
4
5
6
7
8
9
1011
12131415
1617
18
1920
A
VSS
D0
A9
A7
A0
SDBA
0
SD30
SD27
SD24
SDQ
S2
SD21
SD18
SDQ
S1
SD14
SD10
SD9
SD6
SD4
SD1
VSS
A
B
D5
D2
A13
A8
A5
SDBA
1
SD31
SD28
SD26
SD23
SD20
SD19
SD15
SD13
SD11
SD7
SDQ
S0
SD2
DQM
0
CS2
B
CD8
D7
D4
MA10
A6
A3
SDQ
S3
SD29
SD25
SD22
SD17
SD16
SD12
SD8
SD5
SD3
SD0
DQM
3
CS3
RW
C
D
D14
D10
D6
D1
A11
A4
A1
A24
A22
A20
A19
A17
A16
A14
A15
DQM
2
DQM
1
SDCK
E0
ECB
LBA
D
ENFCL
E
D15
D12
D9
D3
D11
A2
A25
A23
A21
A18
SDCL
K
SDCL
K_B
BCLK
RAS
CAS
SDCK
E1
CS4
CS1
OE
E
FNFRE
_B
NFAL
E
NFRB
NFW
P_B
D13
A12
VDD
VDD
VDD
NVC
C_EM
I1
NVC
C_EM
I1
VDD
NVC
C_EM
I2
NVC
C_EM
I2
A10
EB1
CS0
EB0
CS5
LD0
F
G
RTS2
NFW
E_B
NF_C
E0
TX0
CTS2
NVC
C_NF
C
NVC
C_EM
I1
NVC
C_EM
I1
NVC
C_EM
I1
NVC
C_EM
I1
NVC
C_EM
I1
NVC
C_EM
I2
VDD
NVC
C_EM
I3
SDW
E
LD3
LD2
LD1
LD4
LD7
G
H
TX1
TXD2
RXD2
TX4_
RX1
TX2_
RX3
NVC
C_NF
C
NVC
C_NF
C
NGN
D_EM
I1
NVC
C_EM
I1
NGN
D_EM
I1
VSS
VSS
VSS
NVC
C_LC
DC
VDD
LD5
LD8
LD6
LD9
LD10
H
JFST
TX3_
RX2
TX5_
RX0
SCKT
HCKT
STXF
S5
VDD
VSS
VSS
NGN
D_EM
I1
NGN
D_EM
I2
NGN
D_EM
I3
VSS
NVC
C_LC
DC
VDD
LD12
LD14
LD11
LD13
LD15
J
KSTXD
5
HCK
R
SCKR
SRXD
5
FSR
NVC
C_MI
SC
NVC
C_MI
SC
NGN
D_MI
SC
NGN
D_NF
C
VSS
NGN
D_LC
DC
NGN
D_EM
I3
VSS
LD16
LD22
LD20
LD21
LD18
LD17
LD19
K
LSRXD
4
STXF
S4
I2C2_
CLK
SCK4
SCK5
FEC_
TDAT
A3
VDD
NVC
C_MI
SC
VSS
NGN
D_AT
A
NGN
D_CR
M
NGN
D_LC
DC
VSS
NVC
C_LC
DC
D3_F
PSHI
FT
CON
TRAS
T
D3_C
LS
D3_H
SYNC
LD23
D3_D
RDY
L
MI2C2_
DAT
STXD
4
FEC_
RDAT
A2
FEC_
TDAT
A1
FEC_
TDAT
A2
VDD
NGN
D_MI
SC
VSS
NGN
D_AT
A
NGN
D_ML
B
FUSE
_VSS
PGN
D
NGN
D_JT
AG
NVC
C_LC
DC
PHY1
_VDD
A
TTM_
PIN
D3_R
EV
D3_S
PL
D3_V
SYNC
I2C1_
CLK
M
NFEC_
RDAT
A3
FEC_
RDAT
A1
FEC_
RX_E
RR
FEC_
TX_E
RR
FEC_
CRS
NVC
C_AT
A
VDD
VSS
VSS
NGN
D_CS
I
MGN
D
NGN
D_SD
IO
PVDD
USBP
HY1_
UPLL
GND
USBP
HY1_
UPLL
VDD
PHY1
_VSS
A
I2C1_
DAT
USBP
HY1_
UID
USBP
HY1_
DM
PHY1
_VDD
A
N
PFEC_
MDIO
FEC_
RDAT
A0
FEC_
COL
FEC_
TX_C
LK
FEC_
TDAT
A0
NVC
C_AT
A
NVC
C_AT
A
NVC
C_AT
A
NGN
D_AT
A
VSS
MVD
D
PHY2
_VSS
FUSE
_VDD
NVC
C_SD
IO
TDI
NVC
C_JT
AG
USBP
HY1_
UPLL
VDD
USBP
HY1_
VBUS
USBP
HY1_
DP
PHY1
_VSS
A
P
RFEC_
MDC
FEC_
RX_C
LK
CTS1
ATA_
DA0
ATA_
DA2
TXD1
VDD
VDD
NVC
C_CR
M
NVC
C_ML
B
NVC
C_CS
I
VDD
PHY2
_VDD
SD1_
DATA
0
TDO
TMS
TCK
USBP
HY1_
VSSA
_BIA
S
USBP
HY1_
RREF
USBP
HY1_
VDDA
_BIA
S
R
TFEC_
TX_E
N
FEC_
RX_D
V
ATA_
DMA
RQ
ATA_
DATA
15
ATA_
BUFF
_EN
ATA_
RESE
T_B
ATA_
CS1
CSPI
1_SPI
_RDY
VSTB
Y
CLK_
MOD
E1
GPIO
1_0
COM
PARE
SD2_
DATA
1
CSI_
VSYN
C
CSI_
D11
TRST
B
VSS
OSC2
4M_V
SS
OSC2
4M_V
DD
EXTA
L24M
T
URTS1
RXD1
ATA_
DATA
12
ATA_
DATA
8
ATA_
DATA
3
ATA_I
ORDY
USB
OTG_
OC
CSPI
1_SS
1
BOOT
_MO
DE1
RESE
T_IN_
B
GPIO
2_0
SD2_
DATA
3
SD2_
CMD
CSI_
D14
CSI_
D8
SD1_
DATA
1
SJC_
MOD
RTCK
OSC_
AUDI
O_VS
S
XTAL
24M
U
VATA_
DA1
ATA_I
NTR
Q
ATA_
DATA
10
ATA_
DATA
6
ATA_
DATA
2
ATA_
DMA
CK
ATA_
CS0
EXT_
ARM
CLK
CSPI
1_MI
SO
CLKO
GPIO
3_0
CAPT
URE
SD2_
DATA
0
CSI_
HSYN
C
CSI_
D13
CSI_
D10
SD1_
DATA
3
SD1_
CLK
XTAL
_AUD
IO
OSC_
AUDI
O_VD
D
V
WATA_
DATA
14
ATA_
DATA
13
ATA_
DATA
9
ATA_
DATA
5
ATA_
DATA
1
ATA_
DIOW
USB
OTG_
PWR
CSPI
1_SC
LK
CSPI
1_MO
SI
BOOT
_MO
DE0
POR_
B
MLB_
SIG
MLB_
CLK
SD2_
CLK
CSI_
MCLK
CSI_
D12
CSI_
D9
SD1_
DATA
2
DE_B
EXTA
L_AU
DIO
W
YVSS
ATA_
DATA
11
ATA_
DATA
7
ATA_
DATA
4
ATA_
DATA
0
ATA_
DIOR
TEST
_MO
DE
CSPI
1_SS
0
POW
ER_F
AIL
CLK_
MOD
E0
GPIO
1_1
WDO
G_RS
T
MLB_
DAT
SD2_
DATA
2
CSI_
PIXC
LK
CSI_
D15
USBP
HY2_
DM
USBP
HY2_
DP
SD1_
CMD
VSS
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com